Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 732 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 732 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 728Page - Renesas Technology Corp SH7616 Datasheet HTML 729Page - Renesas Technology Corp SH7616 Datasheet HTML 730Page - Renesas Technology Corp SH7616 Datasheet HTML 731Page - Renesas Technology Corp SH7616 Datasheet HTML 732Page - Renesas Technology Corp SH7616 Datasheet HTML 733Page - Renesas Technology Corp SH7616 Datasheet HTML 734Page - Renesas Technology Corp SH7616 Datasheet HTML 735Page - Renesas Technology Corp SH7616 Datasheet HTML 736Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 732 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 706 of 906
REJ09B0292-0200
Bits 2 to 0—Counter Start 2 to 0 (CST2 to CST0): These bits select operation or stoppage for
TCNT.
Bit n: CSTn
Description
0
TCNTn count operation is stopped
(Initial value)
1
TCNTn performs count operation
Note: n = 2 to 0
If 0 is written to the CST bit during operation with the TIOC pin designated for output, the
counter stops, but the TIOC pin output compare output level is retained. If TIOR is written to
when the CST bit is cleared to 0, the pin output level will be changed to the set initial output
value.
17.2.9
Timer Synchronous Register (TSYR)
Bit:
76543210
—————
SYNC2 SYNC1 SYNC0
Initial value:
00000000
R/W:
RRRRR
R/W
R/W
R/W
TSYR is an 8-bit readable/writable register that selects independent operation or synchronous
operation for the channel 0 to 2 TCNT counters. A channel performs synchronous operation when
the corresponding bit in TSYR is set to 1.
TSYR is initialized to H'00 by a reset.
Bits 7 to 3—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 2 to 0—Timer Synchro 2 to 0 (SYNC2 to SYNC0): These bits select whether operation is
independent of or synchronized with other channels.
When synchronous operation is selected, synchronous presetting of multiple channels*
1, and
synchronous clearing through counter clearing on another channel*
2 are possible.
Bit n: SYNCn
Description
0
TCNTn operates independently
(Initial value)
TCNT presetting/clearing is unrelated to other channels
1
TCNTn performs synchronous operation
TCNT synchronous presetting/synchronous clearing is possible
Notes: n = 2 to 0
1. To set synchronous operation, the SYNC bits for two channels at least must be set to 1.
2. To set synchronous clearing, in addition to the SYNC bit , the TCNT clearing source
must also be set by means of bits CCLR2 to CCLR0 in TCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com