Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 735 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 735 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 731Page - Renesas Technology Corp SH7616 Datasheet HTML 732Page - Renesas Technology Corp SH7616 Datasheet HTML 733Page - Renesas Technology Corp SH7616 Datasheet HTML 734Page - Renesas Technology Corp SH7616 Datasheet HTML 735Page - Renesas Technology Corp SH7616 Datasheet HTML 736Page - Renesas Technology Corp SH7616 Datasheet HTML 737Page - Renesas Technology Corp SH7616 Datasheet HTML 738Page - Renesas Technology Corp SH7616 Datasheet HTML 739Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 735 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 709 of 906
REJ09B0292-0200
17.4
Operation
17.4.1
Overview
Operation in each mode is outlined below.
Normal Operation: Each channel has a TCNT and TGR register. TCNT performs up-counting,
and is also capable of free-running operation, synchronous counting, and external event counting.
Each TGR can be used as an input capture register or output compare register.
Synchronous Operation: The TCNT counter for a channel designated for synchronous operation
by means of TSYR performs synchronous presetting. That is, when TCNT for a channel
designated for synchronous operation is rewritten, the TCNT counters for the other channels are
also rewritten at the same time. Synchronous clearing of the TCNT counters is also possible by
setting the counter clear bits in TCR for channels designated for synchronous operation.
Buffer Operation
• When TGR is an output compare register
When a compare match occurs, the value in the buffer register for the relevant channel is
transferred to TGR.
• When TGR is an input capture register
When input capture occurs, the value in TCNT is transfer to TGR and the value previously
held in TGR is transferred to the buffer register.
PWM Mode: In this mode, a PWM waveform is output. The output level can be set by means of
TIOR. A PWM waveform with a duty of between 0% and 100% can be output, according to the
setting of each TGR register.
Phase Counting Mode: In this mode, TCNT is incremented or decremented by detecting the
phases of two clocks input from the external clock input pins in channels 1, and 2. When phase
counting mode is set, the corresponding TCLK pin functions as the clock input, and TCNT
performs up- or down-counting.
This can be used for two-phase encoder pulse input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com