Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 731 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 731 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 727Page - Renesas Technology Corp SH7616 Datasheet HTML 728Page - Renesas Technology Corp SH7616 Datasheet HTML 729Page - Renesas Technology Corp SH7616 Datasheet HTML 730Page - Renesas Technology Corp SH7616 Datasheet HTML 731Page - Renesas Technology Corp SH7616 Datasheet HTML 732Page - Renesas Technology Corp SH7616 Datasheet HTML 733Page - Renesas Technology Corp SH7616 Datasheet HTML 734Page - Renesas Technology Corp SH7616 Datasheet HTML 735Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 731 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 705 of 906
REJ09B0292-0200
17.2.7
Timer General Register (TGR)
Bit:
15
14
13
12
11
10
9
8
Initial value:
11111111
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76543210
Initial value:
11111111
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The TGR registers are 16-bit registers with a dual function as output compare and input capture
registers. The TPU has 8 TGR registers, four for channel 0 and two each for channels 1, and 2.
TGRC and TGRD for channel 0 can also be designated for operation as buffer registers*. The
TGR registers are initialized to H'FFFF by a reset.
The TGR registers cannot be accessed in 8-bit units; they must always be accessed as a 16-bit unit.
Note: * TGR buffer register combinations are TGRA–TGRC and TGRB–TGRD.
17.2.8
Timer Start Register (TSTR)
Bit:
76543210
—————
CST2
CST1
CST0
Initial value:
00000000
R/W:
RRRRR
R/W
R/W
R/W
TSTR is an 8-bit readable/writable register that selects operation/stoppage for channels 0 to 2.
TSTR is initialized to H'00 by a reset.
TCNT counter operation should be stopped when setting the operating mode in TMDR or the
TCNT count clock in TCR.
Bits 7 to 3—Reserved: These bits are always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com