Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 730 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 730 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 726Page - Renesas Technology Corp SH7616 Datasheet HTML 727Page - Renesas Technology Corp SH7616 Datasheet HTML 728Page - Renesas Technology Corp SH7616 Datasheet HTML 729Page - Renesas Technology Corp SH7616 Datasheet HTML 730Page - Renesas Technology Corp SH7616 Datasheet HTML 731Page - Renesas Technology Corp SH7616 Datasheet HTML 732Page - Renesas Technology Corp SH7616 Datasheet HTML 733Page - Renesas Technology Corp SH7616 Datasheet HTML 734Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 730 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 704 of 906
REJ09B0292-0200
Bit 0—Input Capture/Output Compare Flag A (TGFA): Status flag that indicates the occurrence of
TGRA input capture or compare match.
Bit 0: TGFA
Description
0
[Clearing conditions]
(Initial value)
• When DMAC is activated by TGIA interrupt while DRCR setting in DMAC is
TGI0A
• When 0 is written to TGFA after reading TGFA = 1
1
[Setting conditions]
• When TCNT = TGRA while TGRA is functioning as output compare
register
• When TCNT value is transferred to TGRA by input capture signal while
TGRA is functioning as input capture register
17.2.6
Timer Counter (TCNT)
Channel 0: TCNT0 (up-counter)
Channel 1: TCNT1 (up/down-counter*)
Channel 2: TCNT2 (up/down-counter*)
Bit:
15
14
13
12
11
10
9
8
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76543210
Initial value:
00000000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note: * These counters can be used as up/down-counters only in phase counting mode. In other
cases they function as up-counters.
The TCNT registers are 16-bit counters. The TPU has three TCNT counters, one for each channel.
The TCNT counters are initialized to H'0000 by a reset.
The TCNT counters cannot be accessed in 8-bit units; they must always be accessed as a 16-bit
unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com