Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 742 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 742 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 738Page - Renesas Technology Corp SH7616 Datasheet HTML 739Page - Renesas Technology Corp SH7616 Datasheet HTML 740Page - Renesas Technology Corp SH7616 Datasheet HTML 741Page - Renesas Technology Corp SH7616 Datasheet HTML 742Page - Renesas Technology Corp SH7616 Datasheet HTML 743Page - Renesas Technology Corp SH7616 Datasheet HTML 744Page - Renesas Technology Corp SH7616 Datasheet HTML 745Page - Renesas Technology Corp SH7616 Datasheet HTML 746Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 742 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 716 of 906
REJ09B0292-0200
17.4.3
Synchronous Operation
In synchronous operation, the values in a number of TCNT counters can be rewritten
simultaneously (synchronous presetting). Also, a number of TCNT counters can be cleared
simultaneously by making the appropriate setting in TCR (synchronous clearing).
Synchronous operation enables TGR to be incremented with respect to a single time base.
Channels 0 to 2 can all be designated for synchronous operation.
Example of Synchronous Operation Setting Procedure: Figure 17.14 shows an example of the
synchronous operation setting procedure.
Set synchronous
operation
Synchronous operation
selection
Set TCNT
Synchronous presetting
<Synchronous presetting>
1
2
Synchronous clearing
Select counter
clearing source
<Counter clearing>
3
Start count
5
Set synchronous
counter clearing
<Synchronous clearing>
4
Start count
5
Clearing
source generation
channel?
No
Yes
1
2
3
4
5
Set to 1 the SYNC bits in TSYR corresponding to the channels to be designated for synchronous
operation.
When the TCNT counter of any of the channels designated for synchronous operation is
written to, the same value is simultaneously written to the other TCNT counters.
Use bits CCLR2 to CCLR0 in TCR to specify TCNT clearing by input capture/output compare,
etc.
Use bits CCLR2 to CCLR0 in TCR to designate synchronous clearing for the counter clearing
source.
Set to 1 the CST bits in TSTR for the relevant channels, to start the count operation.
Figure 17.14 Example of Synchronous Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com