Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 745 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 745 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 741Page - Renesas Technology Corp SH7616 Datasheet HTML 742Page - Renesas Technology Corp SH7616 Datasheet HTML 743Page - Renesas Technology Corp SH7616 Datasheet HTML 744Page - Renesas Technology Corp SH7616 Datasheet HTML 745Page - Renesas Technology Corp SH7616 Datasheet HTML 746Page - Renesas Technology Corp SH7616 Datasheet HTML 747Page - Renesas Technology Corp SH7616 Datasheet HTML 748Page - Renesas Technology Corp SH7616 Datasheet HTML 749Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 745 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 719 of 906
REJ09B0292-0200
• When TGR is an input capture register
When input capture occurs, the value in TCNT is transferred to TGR and the value previously
held in the timer general register is transferred to the buffer register.
This operation is illustrated in figure 17.17.
Buffer register
Timer general
register
TCNT
Input capture
signal
Figure 17.17 Input Capture Buffer Operation
Example of Buffer Operation Setting Procedure: Figure 17.18 shows an example of the buffer
operation setting procedure.
Select TGR function
Buffer operation
Set buffer operation
Start count
<Buffer operation>
1
1
2
2
3
3
Designate TGR as an input capture register or
output compare register by means of TIOR.
Designate TGR for buffer operation with bits
BFA and BFB in TMDR.
Set the CST bit in TSTR to 1 to start the count
operation.
Figure 17.18 Example of Buffer Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com