Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 749 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 749 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 745Page - Renesas Technology Corp SH7616 Datasheet HTML 746Page - Renesas Technology Corp SH7616 Datasheet HTML 747Page - Renesas Technology Corp SH7616 Datasheet HTML 748Page - Renesas Technology Corp SH7616 Datasheet HTML 749Page - Renesas Technology Corp SH7616 Datasheet HTML 750Page - Renesas Technology Corp SH7616 Datasheet HTML 751Page - Renesas Technology Corp SH7616 Datasheet HTML 752Page - Renesas Technology Corp SH7616 Datasheet HTML 753Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 749 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 723 of 906
REJ09B0292-0200
Example of PWM Mode Setting Procedure: Figure 17.21 shows an example of the PWM mode
setting procedure.
Select counter clock
PWM mode
Select counter clearing source
Select waveform output level
<PWM mode>
1
1
2
2
3
3
Set TGR
4
4
Set PWM mode
5
5
Start count
6
6
Select the counter clock with bits TPSC2 to
TPSC0 in TCR. At the same time, select the
input clock edge with bits CKEG1 and CKEG0
in TCR.
Use bits CCLR2 to CCLR0 in TCR to select
the TGR to be used as the TCNT clearing
source.
Use TIOR to designate the TGR as an output
compare register, and select the initial value
and output value.
Set the cycle in the TGR selected in [2], and
set the duty in the other the TGR.
Select the PWM mode with bits MD3 to MD0
in TMDR.
Set the CST bit in TSTR to 1 to start the count
operation.
Figure 17.21 Example of PWM Mode Setting Procedure
Examples of PWM Mode Operation: Figure 17.22 shows an example of PWM mode 1
operation.
In this example, TGRA compare match is set as the TCNT clearing source, 0 is set for the TGRA
initial output value and output value, and 1 output is set as the TGRB output value.
In this case, the value set in TGRA is used as the period, and the values set in TGRB registers as
the duty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com