Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 753 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 753 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 749Page - Renesas Technology Corp SH7616 Datasheet HTML 750Page - Renesas Technology Corp SH7616 Datasheet HTML 751Page - Renesas Technology Corp SH7616 Datasheet HTML 752Page - Renesas Technology Corp SH7616 Datasheet HTML 753Page - Renesas Technology Corp SH7616 Datasheet HTML 754Page - Renesas Technology Corp SH7616 Datasheet HTML 755Page - Renesas Technology Corp SH7616 Datasheet HTML 756Page - Renesas Technology Corp SH7616 Datasheet HTML 757Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 753 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 727 of 906
REJ09B0292-0200
Examples of Phase Counting Mode Operation: In phase counting mode, TCNT counts up or
down according to the phase difference between two external clocks. There are four modes,
according to the count conditions.
• Phase counting mode 1
Figure 17.26 shows an example of phase counting mode 1 operation, and table 17.8
summarizes the TCNT up/down-count conditions.
TCNT value
Time
Down-count
Up-count
TCLKA (channel 1)
TCLKC (channel 2)
TCLKB (channel 1)
TCLKD (channel 2)
Figure 17.26 Example of Phase Counting Mode 1 Operation
Table 17.8 Up/Down-Count Conditions in Phase Counting Mode 1
TCLKA (Channel 1)
TCLKC (Channel 2)
High level
Low level
High level
Low level
Notes:
: Rising edge
: Falling edge
TCLKB (Channel 1)
TCLKD (Channel 2)
Low level
High level
High level
Low level
Operation
Up-count
Down-count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com