Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 752 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 752 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 748Page - Renesas Technology Corp SH7616 Datasheet HTML 749Page - Renesas Technology Corp SH7616 Datasheet HTML 750Page - Renesas Technology Corp SH7616 Datasheet HTML 751Page - Renesas Technology Corp SH7616 Datasheet HTML 752Page - Renesas Technology Corp SH7616 Datasheet HTML 753Page - Renesas Technology Corp SH7616 Datasheet HTML 754Page - Renesas Technology Corp SH7616 Datasheet HTML 755Page - Renesas Technology Corp SH7616 Datasheet HTML 756Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 752 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 726 of 906
REJ09B0292-0200
17.4.6
Phase Counting Mode
In phase counting mode, the phase difference between two external clock inputs is detected and
TCNT is incremented/decremented accordingly. This mode can be set for channels 1, and 2.
When phase counting mode is set, an external clock is selected as the counter input clock and
TCNT operates as an up/down-counter regardless of the setting of bits TPSC2 to TPSC0 and bits
CKEG1 and CKEG0 in TCR. However, the functions of bits CCLR1 and CCLR0 in TCR, and of
TIOR, TIER, and TGR are valid, and input capture/compare match and interrupt functions can be
used.
When overflow occurs while TCNT is counting up, the TCFV flag in TSR is set; when underflow
occurs while TCNT is counting down, the TCFU flag is set.
The TCFD bit in TSR is the count direction flag. Reading the TCFD flag provides an indication of
whether TCNT is counting up or down.
Table 17.7 shows the correspondence between external clock pins and channels.
Table 17.7 Phase Counting Mode Clock Input Pins
External Clock Pins
Channels
A-Phase
B-Phase
When channel 1 is set to phase counting mode
TCLKA
TCLKB
When channel 2 is set to phase counting mode
TCLKC
TCLKD
Example of Phase Counting Mode Setting Procedure: Figure 17.25 shows an example of the
phase counting mode setting procedure.
Select phase counting mode
Phase counting mode
Start count
<Phase counting mode>
1
1
2
2
Select phase counting mode with bits MD3
to MD0 in TMDR.
Set the CST bit in TSTR to 1 to start the
count operation.
Figure 17.25 Example of Phase Counting Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com