| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 748 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 748 Page - Renesas Technology Corp |
|
748 / 935 page ![]() Section 17 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Mar 09, 2006 page 722 of 906 REJ09B0292-0200 • PWM mode 1 PWM output is generated by pairing TGRA with TGRB and TGRC with TGRD. The output specified by bits IOA3–IOA0 and IOC3–IOC0 in TIOR is performed in response to compare match A and C, and the output specified by bits IOB3–IOB0 and IOD3–IOD0 in TIOR in response to compare match B and D, from pins TIOCA and TIOCC. The initial output value is the value set in TGRA or TGRC. If the set values of paired TGRs are identical, the output value does not change when a compare match occurs. In PWM mode 1, a maximum 4-phase PWM output is possible. • PWM mode 2 PWM output is generated using one TGR as the cycle register and the others as duty registers. The output specified by TIOR is performed in response to a compare match. Also, when the counter is cleared by a synchronization register compare match, pin output values are the initial values set in TIOR. If the set values of the period and duty registers are identical, the output value does not change when a compare match occurs. In PWM mode 2, a maximum 7-phase PWM output is possible by combined use with synchronous operation. The correspondence between PWM output pins and registers is shown in table 17.6. Table 17.6 PWM Output Registers and Output Pins Output Pins Channel Registers PWM Mode 1 PWM Mode 2 0 TGR0A TIOCA0 TIOCA0 TGR0B TIOCB0 TGR0C TIOCC0 TIOCC0 TGR0D TIOCD0 1 TGR1A TIOCA1 TIOCA1 TGR1B TIOCB1 2 TGR2A TIOCA2 TIOCA2 TGR2B TIOCB2 Note: In PWM mode 2, PWM output is not possible for the TGR register in which the period is set. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |