Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 757 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 757 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 753Page - Renesas Technology Corp SH7616 Datasheet HTML 754Page - Renesas Technology Corp SH7616 Datasheet HTML 755Page - Renesas Technology Corp SH7616 Datasheet HTML 756Page - Renesas Technology Corp SH7616 Datasheet HTML 757Page - Renesas Technology Corp SH7616 Datasheet HTML 758Page - Renesas Technology Corp SH7616 Datasheet HTML 759Page - Renesas Technology Corp SH7616 Datasheet HTML 760Page - Renesas Technology Corp SH7616 Datasheet HTML 761Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 757 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 731 of 906
REJ09B0292-0200
17.5
Interrupts
17.5.1
Interrupt Sources and Priorities
There are three kinds of TPU interrupt source: TGR input capture/compare match, TCNT
overflow, and TCNT underflow. Each interrupt source has its own status flag and enable/disabled
bit, allowing generation of interrupt request signals to be enabled or disabled individually.
When an interrupt request is generated, the corresponding status flag in TSR is set to 1. If the
corresponding enable/disable bit in TIER is set to 1 at this time, an interrupt is requested. The
interrupt request is cleared by clearing the status flag to 0.
Relative channel priorities can be changed by the interrupt controller, but the priority order within
a channel is fixed. For details, see section 5, Interrupt Controller (INTC).
Table 17.12 lists the TPU interrupt sources.
Table 17.12 TPU Interrupts
Channel
Interrupt
Source
Description
DMAC
Activation
Priority
0
TGI0A
TGR0A input capture/compare match
Possible
High
TGI0B
TGR0B input capture/compare match
Possible
↑
TGI0C
TGR0C input capture/compare match
Possible
TGI0D
TGR0D input capture/compare match
Possible
TCI0V
TCNT0 overflow
Not possible
1
TGI1A
TGR1A input capture/compare match
Not possible
TGI1B
TGR1B input capture/compare match
Not possible
TCI1V
TCNT1 overflow
Not possible
TCI1U
TCNT1 underflow
Not possible
2
TGI2A
TGR2A input capture/compare match
Not possible
TGI2B
TGR2B input capture/compare match
Not possible
TCI2V
TCNT2 overflow
Not possible
↓
TCI2U
TCNT2 underflow
Not possible
Low
Note: This table shows the initial state immediately after a reset. The relative channel priorities
can be changed by the interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com