Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 758 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 758 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 754Page - Renesas Technology Corp SH7616 Datasheet HTML 755Page - Renesas Technology Corp SH7616 Datasheet HTML 756Page - Renesas Technology Corp SH7616 Datasheet HTML 757Page - Renesas Technology Corp SH7616 Datasheet HTML 758Page - Renesas Technology Corp SH7616 Datasheet HTML 759Page - Renesas Technology Corp SH7616 Datasheet HTML 760Page - Renesas Technology Corp SH7616 Datasheet HTML 761Page - Renesas Technology Corp SH7616 Datasheet HTML 762Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 758 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 732 of 906
REJ09B0292-0200
Input Capture/Compare Match Interrupt: An interrupt is requested if the TGIE bit in TIER is
set to 1 when the TGF flag in TSR is set to 1 by the occurrence of a TGR input capture/compare
match on a particular channel. The interrupt request is cleared by clearing the TGF flag to 0. The
TPU has 8 input capture/compare match interrupts, four for channel 0, and two each for channels
1, and 2.
Overflow Interrupt: An interrupt is requested if the TCIEV bit in TIER is set to 1 when the
TCFV flag in TSR is set to 1 by the occurrence of TCNT overflow on a particular channel. The
interrupt request is cleared by clearing the TCFV flag to 0. The TPU has three overflow interrupts,
one for each channel.
Underflow Interrupt: An interrupt is requested if the TCIEU bit in TIER is set to 1 when the
TCFU flag in TSR is set to 1 by the occurrence of TCNT underflow on channel. The interrupt
request is cleared by clearing the TCFU flag to 0. The TPU has two underflow interrupts, one each
for channels 1 and 2.
17.5.2
DMAC Activation
The DMAC can be activated by the TGR input capture/compare match interrupt for a channel. For
details, see section 11, Direct Memory Access Controller (DMAC).
A total of four TPU input capture/compare match interrupts can be used as DMAC activation
sources for channel 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com