Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 766 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 766 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 762Page - Renesas Technology Corp SH7616 Datasheet HTML 763Page - Renesas Technology Corp SH7616 Datasheet HTML 764Page - Renesas Technology Corp SH7616 Datasheet HTML 765Page - Renesas Technology Corp SH7616 Datasheet HTML 766Page - Renesas Technology Corp SH7616 Datasheet HTML 767Page - Renesas Technology Corp SH7616 Datasheet HTML 768Page - Renesas Technology Corp SH7616 Datasheet HTML 769Page - Renesas Technology Corp SH7616 Datasheet HTML 770Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 766 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 740 of 906
REJ09B0292-0200
Interrupt
request
signal
Status flag
Address
P
φ
Source address
DMAC
read cycle
T1
T2
Destination
address
T1
T2
DMAC
write cycle
Figure 17.43 Timing for Status Flag Clearing by DMAC Activation
17.7
Usage Notes
Note that the kinds of operation and contention described below occur during TPU operation.
Input Clock Restrictions: The input clock pulse width must be at least 1.5 states in the case of
single-edge detection, and at least 2.5 states in the case of both-edge detection. The TPU will not
operate properly with a narrower pulse width.
In phase counting mode, the phase difference and overlap between the two input clocks must be at
least 1.5 states, and the pulse width must be at least 2.5 states. Figure 17.44 shows the input clock
conditions in phase counting mode.
Overlap
Phase
differ-
ence
Phase
differ-
ence
Overlap
TCLKA
(TCLKC)
TCLKB
(TCLKD)
Pulse width
Pulse width
Pulse width
Pulse width
Notes: Phase difference and overlap : 1.5 states or more
Pulse width
: 2.5 states or more
Figure 17.44 Phase Difference, Overlap, and Pulse Width in Phase Counting Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com