Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 767 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 767 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 763Page - Renesas Technology Corp SH7616 Datasheet HTML 764Page - Renesas Technology Corp SH7616 Datasheet HTML 765Page - Renesas Technology Corp SH7616 Datasheet HTML 766Page - Renesas Technology Corp SH7616 Datasheet HTML 767Page - Renesas Technology Corp SH7616 Datasheet HTML 768Page - Renesas Technology Corp SH7616 Datasheet HTML 769Page - Renesas Technology Corp SH7616 Datasheet HTML 770Page - Renesas Technology Corp SH7616 Datasheet HTML 771Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 767 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 741 of 906
REJ09B0292-0200
Caution on Period Setting: When counter clearing by compare match is set, TCNT is cleared in
the final state in which it matches the TGR value (the point at which the count value matched by
TCNT is updated). Consequently, the actual counter frequency is given by the following formula:
f =
P
φ
(N + 1)
Where
f
: Counter frequency
P
φ : Peripheral module clock
N : TGR set value
Contention between TCNT Write and Clear Operations: If the counter clear signal is
generated in the T2 state of a TCNT write cycle, TCNT clearing takes precedence and the TCNT
write is not performed.
Figure 17.45 shows the timing in this case.
Counter clear
signal
Write signal
Address
P
φ
TCNT address
TCNT
TCNT write cycle
T1
T2
N
H'0000
Figure 17.45 Contention between TCNT Write and Clear Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com