Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 795 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 795 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 791Page - Renesas Technology Corp SH7616 Datasheet HTML 792Page - Renesas Technology Corp SH7616 Datasheet HTML 793Page - Renesas Technology Corp SH7616 Datasheet HTML 794Page - Renesas Technology Corp SH7616 Datasheet HTML 795Page - Renesas Technology Corp SH7616 Datasheet HTML 796Page - Renesas Technology Corp SH7616 Datasheet HTML 797Page - Renesas Technology Corp SH7616 Datasheet HTML 798Page - Renesas Technology Corp SH7616 Datasheet HTML 799Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 795 / 935 page
background image
Section 18 User Debug Interface (H-UDI)
Rev. 2.00 Mar 09, 2006 page 769 of 906
REJ09B0292-0200
Pin No.
Pin Name
Input/Output
Bit No.
201
TX–CLK
Input
27
203
TX–EN
Output
26
Output enable
25
204
ETXD0
Output
24
Output enable
23
205
ETXD1
Output
22
Output enable
21
206
ETXD2
Output
20
Output enable
19
207
ETXD3
Output
18
Output enable
17
208
TX–ER
Output
16
Output enable
15
1
IRL3
Input
14
2
IRL2
Input
13
3
IRL1
Input
12
4
IRL0
Input
11
5
NMI
Input
10
13
MD4
Input
9
14
MD3
Input
8
15
MD2
Input
7
16
MD1
Input
6
17
MD0
Input
5
24
CKPREQ/CKM
Input
4
25
CKPACK
Output
3
Output enable
2
27
IVECF
Output
1
Output enable
0
to TDO
Note: The output enable signals are active-low. When an output enable signal is driven low, the
corresponding pin is driven. The exception is the output enable signal for the MDIO pin,
which is active-high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com