Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 798 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 798 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 794Page - Renesas Technology Corp SH7616 Datasheet HTML 795Page - Renesas Technology Corp SH7616 Datasheet HTML 796Page - Renesas Technology Corp SH7616 Datasheet HTML 797Page - Renesas Technology Corp SH7616 Datasheet HTML 798Page - Renesas Technology Corp SH7616 Datasheet HTML 799Page - Renesas Technology Corp SH7616 Datasheet HTML 800Page - Renesas Technology Corp SH7616 Datasheet HTML 801Page - Renesas Technology Corp SH7616 Datasheet HTML 802Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 798 / 935 page
background image
Section 18 User Debug Interface (H-UDI)
Rev. 2.00 Mar 09, 2006 page 772 of 906
REJ09B0292-0200
18.4.2
H-UDI Interrupt and Serial Transfer
When an H-UDI interrupt instruction is transferred to SDIR via TDI, an interrupt is generated.
Data transfer can be controlled by means of the H-UDI interrupt service routine. Transfer can be
performed by means of SDDR.
Control of data input/output between an external device and the H-UDI is performed by
monitoring the SDTRF bit in SDSR externally and internally. Internal SDTRF bit monitoring is
carried out by having SDSR read by the CPU.
The H-UDI interrupt and serial transfer procedure is as follows.
1. An instruction is input to SDIR by serial transfer, and an H-UDI interrupt request is generated.
2. After the H-UDI interrupt request is issued, the SDTRF bit in SDSR is monitored externally.
After output of SDTRF = 1 from TDO is observed, serial data is transferred to SDDR.
3. On completion of the serial transfer to SDDR, the SDTRF bit is cleared to 0, and SDDR can be
accessed by the CPU. After SDDR has been accessed, SDDR serial transfer is enabled by
setting the SDTRF bit to 1 in SDSR.
4. Serial data transfer between an external device and the H-UDI can be carried out by
constantly monitoring the SDTRF bit in SDSR externally and internally.
Figures 18.3, 18.4, and 18.5 show the timing of data transfer between an external device and the
H-UDI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com