Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 802 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 802 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 798Page - Renesas Technology Corp SH7616 Datasheet HTML 799Page - Renesas Technology Corp SH7616 Datasheet HTML 800Page - Renesas Technology Corp SH7616 Datasheet HTML 801Page - Renesas Technology Corp SH7616 Datasheet HTML 802Page - Renesas Technology Corp SH7616 Datasheet HTML 803Page - Renesas Technology Corp SH7616 Datasheet HTML 804Page - Renesas Technology Corp SH7616 Datasheet HTML 805Page - Renesas Technology Corp SH7616 Datasheet HTML 806Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 802 / 935 page
background image
Section 18 User Debug Interface (H-UDI)
Rev. 2.00 Mar 09, 2006 page 776 of 906
REJ09B0292-0200
EXTEST: This instruction is provided to test external circuitry when the SH7616 is mounted on a
printed circuit board. When this instruction is executed, output pins are used to output test data
(previously set by the SAMPLE/PRELOAD instruction) from the boundary scan register to the
printed circuit board, and input pins are used to latch test results into the boundary scan register
from the printed circuit board. If testing is carried out by using the EXTEST instruction N times,
the Nth test data is scanned-in when test data (N-1) is scanned out.
Data loaded into the output pin boundary scan register in the Capture-DR state is not used for
external circuit testing (it is replaced by a shift operation).
The instruction code is 0000.
CLAMP: When the CLAMP instruction is enabled, the output pin outputs the value of the
boundary scan register that has been set by the SAMPLE/PRELOAD instruction. While the
CLAMP instruction is enabled, the state of the boundary scan register maintains the previous state
regardless of the state of the TAP controller.
A bypass register is connected between TDI and TDO. The related circuit operates in the same
way when the BYPASS instruction is enabled.
The instruction code is 0010.
HIGHZ: When the HIGHZ instruction is enabled, all output pins enter a high-impedance state.
While the HIGHZ instruction is enabled, the state of the boundary scan register maintains the
previous state regardless of the state of the TAP controller.
A bypass register is connected between TDI and TDO. The related circuit operates in the same
way when the BYPASS instruction is enabled.
The instruction code is 0010.
IDCODE: When the IDCODE instruction is enabled, the value of the ID code register is output
from TDO with LSB first when the TAP controller is in the Shift-DR state. While this instruction
is being executed, the test circuit does not affect the system circuit.
When the TAP controller is in the Test-Logic-Reset state, the instruction register is initialized to
the IDCODE instruction.
The instruction code is 0010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com