Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 801 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 801 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 797Page - Renesas Technology Corp SH7616 Datasheet HTML 798Page - Renesas Technology Corp SH7616 Datasheet HTML 799Page - Renesas Technology Corp SH7616 Datasheet HTML 800Page - Renesas Technology Corp SH7616 Datasheet HTML 801Page - Renesas Technology Corp SH7616 Datasheet HTML 802Page - Renesas Technology Corp SH7616 Datasheet HTML 803Page - Renesas Technology Corp SH7616 Datasheet HTML 804Page - Renesas Technology Corp SH7616 Datasheet HTML 805Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 801 / 935 page
background image
Section 18 User Debug Interface (H-UDI)
Rev. 2.00 Mar 09, 2006 page 775 of 906
REJ09B0292-0200
18.4.3
H-UDI Reset
The H-UDI can be reset in two ways.
• The H-UDI is reset when the TRST signal is held at 0.
• When TRST = 1, the H-UDI can be reset by inputting at least five TCK clock cycles while
TMS = 1.
18.5
Boundary Scan
The H-UDI pins can be placed in the boundary scan mode stipulated by IEEE1149.1 by setting a
command in SDIR.
18.5.1
Supported Instructions
The SH7616 supports the three essential instructions defined in IEEE1149.1 (BYPASS,
SAMPLE/PRELOAD, and EXTEST) and optional instructions (CLAMP, HIGHZ, and IDCODE).
BYPASS: The BYPASS instruction is an essential standard instruction that operates the bypass
register. This instruction shortens the shift path to speed up serial data transfer involving other
chips on the printed circuit board. While this instruction is executing, the test circuit has no effect
on the system circuits. The instruction code is 1111.
SAMPLE/PRELOAD: The SAMPLE/PRELOAD instruction inputs values from the SH7616’s
internal circuitry to the boundary scan register, outputs values from the scan path, and loads data
onto the scan path. When this instruction is executing, the SH7616’s input pin signals are
transmitted directly to the internal circuitry, and internal circuit values are directly output
externally from the output pins. The SH7616’s system circuits are not affected by execution of
this instruction. The instruction code is 0100.
In a SAMPLE operation, a snapshot of a value to be transferred from an input pin to the internal
circuitry, or a value to be transferred from the internal circuitry to an output pin, is latched into the
boundary scan register and read from the scan path. Snapshot latching is performed in
synchronization with the rise of TCK in the Capture-DR state. Snapshot latching does not affect
normal operation of the SH7616.
In a PRELOAD operation, an initial value is set in the parallel output latch of the boundary scan
register from the scan path prior to the EXTEST instruction. Without a PRELOAD operation,
when the EXTEST instruction was executed an undefined value would be output from the output
pin until completion of the initial scan sequence (transfer to the output latch) (with the EXTEST
instruction, the parallel output latch value is constantly output to the output pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com