Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 839 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 839 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 835Page - Renesas Technology Corp SH7616 Datasheet HTML 836Page - Renesas Technology Corp SH7616 Datasheet HTML 837Page - Renesas Technology Corp SH7616 Datasheet HTML 838Page - Renesas Technology Corp SH7616 Datasheet HTML 839Page - Renesas Technology Corp SH7616 Datasheet HTML 840Page - Renesas Technology Corp SH7616 Datasheet HTML 841Page - Renesas Technology Corp SH7616 Datasheet HTML 842Page - Renesas Technology Corp SH7616 Datasheet HTML 843Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 839 / 935 page
background image
Section 22 Electrical Characteristics
Rev. 2.00 Mar 09, 2006 page 813 of 906
REJ09B0292-0200
Section 22 Electrical Characteristics
22.1
Absolute Maximum Ratings
Table 22.1 shows the absolute maximum ratings.
Table 22.1 Absolute Maximum Ratings
Item
Symbol
Value
Unit
Power supply voltage (internal)
VCC
–0.3 to +4.2
V
Power supply voltage (5 V I/O)
PVCC
–0.3 to +7.0
V
Input voltage (excluding 5 V I/O)
Vin
–0.3 to Vcc +0.3
V
Input voltage (5 V I/O)
Vin
–0.3 to PVcc +0.3
V
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +125
°C
Notes: 1. Permanent damage to the chip may result if the maximum ratings are exceeded.
2. When powering on, turn on the 5 V I/O power supply (PVCC) after, or at the same time
as, the internal power supply (VCC). When powering off, cut Vcc after, or at the same
time as, PVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com