Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 841 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 841 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 837Page - Renesas Technology Corp SH7616 Datasheet HTML 838Page - Renesas Technology Corp SH7616 Datasheet HTML 839Page - Renesas Technology Corp SH7616 Datasheet HTML 840Page - Renesas Technology Corp SH7616 Datasheet HTML 841Page - Renesas Technology Corp SH7616 Datasheet HTML 842Page - Renesas Technology Corp SH7616 Datasheet HTML 843Page - Renesas Technology Corp SH7616 Datasheet HTML 844Page - Renesas Technology Corp SH7616 Datasheet HTML 845Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 841 / 935 page
background image
Section 22 Electrical Characteristics
Rev. 2.00 Mar 09, 2006 page 815 of 906
REJ09B0292-0200
Conditions: VCC = PLLVCC = 3.3 V ±0.3 V, PVCC = 5.0 V ± 0.5 V/3.3 V ±0.3 V, PVCC ≥
≥≥≥ VCC,
VSS = PVSS = PLLVSS = 0 V, Ta = –20 to +75°C
Item
Symbol Min
Typ Max
Unit Test Conditions
Pin
CAP1, CAP2
Cin
—
—
40
pF
Ta = 25°C
capacitanceOther input pins
—
—
15
pF
Current
dissipation
Normal operation
lcc
—
—
350
mA 3.6 V, CPU
operating clock =
62.5 MHz, DMAC
used
—
—
300
mA 3.6 V, CPU
operating clock =
62.5 MHz, DMAC
not used
Sleep mode
—
—
250
mA 3.6 V, CPU
operating clock =
62.5 MHz,
peripheral
modules not used
Standby mode
—
—
990
µA
Note: Do not leave the PLLVcc and PLLVss pins open when the PLL circuit is not used. Connect
the PLLVcc pin to Vcc and the PLLVss pin to Vss.
Table 22.3 Permissible Output Currents
Conditions: VCC = PLLVCC = 3.3 V ±0.3 V, PVCC = 5.0 V ± 0.5 V/3.3 V ±0.3 V, PVCC ≥
≥≥≥ VCC,
VSS = PVSS = PLLVSS = 0 V, Ta = –20 to +75°C
Item
Symbol
Min
Typ
Max
Unit
Permissible output low current (per pin)
IOL
——2.0
mA
Permissible output low current (total)
∑IOL
——80
mA
Permissible output high current (per pin)
–IOH
——2.0
mA
Permissible output high current (total)
∑(–IOH)
——25
mA
Note: To protect chip reliability, do not exceed the output current values in table 22.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com