Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 847 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 847 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 843Page - Renesas Technology Corp SH7616 Datasheet HTML 844Page - Renesas Technology Corp SH7616 Datasheet HTML 845Page - Renesas Technology Corp SH7616 Datasheet HTML 846Page - Renesas Technology Corp SH7616 Datasheet HTML 847Page - Renesas Technology Corp SH7616 Datasheet HTML 848Page - Renesas Technology Corp SH7616 Datasheet HTML 849Page - Renesas Technology Corp SH7616 Datasheet HTML 850Page - Renesas Technology Corp SH7616 Datasheet HTML 851Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 847 / 935 page
background image
Section 22 Electrical Characteristics
Rev. 2.00 Mar 09, 2006 page 821 of 906
REJ09B0292-0200
22.3.2
Control Signal Timing
Table 22.6 Control Signal Timing
Conditions: VCC = PLLVCC = 3.3 V ±0.3 V, PVCC = 5.0 V ± 0.5 V/3.3 V ±0.3 V, PVCC ≥
≥≥≥ VCC,
VSS = PVSS = PLLVSS = 0 V, Ta = –20 to +75°C
Item
Symbol
Min
Max
Unit
Figure
RES rise and fall time
tRESr, tRESf
—
200
ns
22.8
RES pulse width
tRESW
20
—
tPcyc
NMI reset setup time
tNMIRS
tPcyc + 10
—
ns
NMI reset hold time
tNMIRH
tPcyc + 10
—
ns
NMI rise and fall time
tNMIr, tNMIf
—
200
ns
RES setup time*
tRESS
3tEcyc + 40
—
ns
22.9
NMI setup time*
tNMIS
40
—
ns
IRL3–IRL0 setup time*
tIRLS
30
—
ns
NMI hold time
tNMIH
20
—
ns
IRL3–IRL0 hold time*
tIRLH
20
—
ns
BRLS setup time
tBLSS
10
—
ns
22.10
BRLS hold time
tBLSH
5—
ns
BGR delay time
tBGRD
—15
ns
Bus tri-state delay time
tBOFF
035
ns
Bus buffer on time
tBON
035
ns
Note: * The
RES, NMI, and IRL3–IRL0 signals are asynchronous inputs. If the setup times shown
here are observed, a transition is judged to have occurred at the fall of the clock; if the
setup times cannot be observed, recognition may be delayed until the next fall of the clock.
t
NMIRS
t
NMIr
t
NMIf
t
RESW
t
RESf
t
RESr
t
NMIRH
RES
NMI
V
IH
V
IL
V
IH
V
IL
V
IH
V
IH
V
IL
V
IL
Figure 22.8 Reset Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com