Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 849 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 849 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 845Page - Renesas Technology Corp SH7616 Datasheet HTML 846Page - Renesas Technology Corp SH7616 Datasheet HTML 847Page - Renesas Technology Corp SH7616 Datasheet HTML 848Page - Renesas Technology Corp SH7616 Datasheet HTML 849Page - Renesas Technology Corp SH7616 Datasheet HTML 850Page - Renesas Technology Corp SH7616 Datasheet HTML 851Page - Renesas Technology Corp SH7616 Datasheet HTML 852Page - Renesas Technology Corp SH7616 Datasheet HTML 853Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 849 / 935 page
background image
Section 22 Electrical Characteristics
Rev. 2.00 Mar 09, 2006 page 823 of 906
REJ09B0292-0200
22.3.3
Bus Timing
Table 22.7 PLL-On Bus Timing [Modes 0 and 4] (1)
Conditions: VCC = PLLVCC = 3.3 V ±0.3 V, PVCC = 5.0 V ± 0.5 V/3.3 V ±0.3 V, PVCC ≥
≥≥≥ VCC,
VSS = PVSS = PLLVSS = 0 V, Ta = –20 to +75°C
Item
Symbol Min
Max Unit Figure
Address delay time
tAD
1
14
ns
22.11, 12, 15, 16, 18, 20, 22, 24 to
28, 30 to 34, 37 to 40, 42 to 44
BS delay time
tBSD
—
15
ns
22.11, 12, 15, 16, 18, 20, 22, 24,
25, 28, 30, 31, 33, 34, 39, 42 to 44
CS delay time 1
tCSD1
1
14
ns
22.11, 12, 15, 16, 18, 20, 22 to 25,
28, 30 to 34, 39, 41, 42
CS delay time 2
tCSD2
—
14
ns
22.11, 12, 33, 34, 39, 42
Read/write delay time
tRWD
1
14
ns
22.11, 12, 15 ,16, 18, 20 to 22, 24,
25, 28 to 34, 39, 42 to 44
Read strobe delay time 1
tRSD1
—
14
ns
22.11, 12, 15, 16, 22, 30, 33, 34,
37, 39, 40, 42 to 44
Read data setup time 1
tRDS1
8
—
ns
22.11, 33, 37, 42 to 44
Read data setup time 2 (EDO)
tRDS2
8
—
ns
22.39, 40
Read data setup time 3 (SDRAM) tRDS3
6.5
—
ns
22.15, 16
Read data hold time 2
tRDH2
0
—
ns
22.11, 42
Read data hold time 4 (SDRAM)
tRDH4
2
—
ns
22.15, 16
Read data hold time 5 (DRAM)
tRDH5
0
—
ns
22.33, 37
Read data hold time 6 (EDO)
tRDH6
3
—
ns
22.39, 40
Read data hold time 7 (EDO)
tRDH7
1
—
ns
22.39
Read data hold time 8
(interrupt vector)
tRDH8
2
—
ns
22.43, 44
Write enable delay time 1
tWED1
—
14
ns
22.11, 12
Write data delay time 1
(except Eø: Iø = 1:1)
tWDD1
—
22
ns
22.12, 22, 24, 26, 34, 38
Write data delay time 2
(Eø: Iø = 1:1)
tWDD2
—
12
ns
22.25, 27
Write data hold time 1
tWDH1
2
—
ns
22.12, 22, 24 to 27, 34, 38
Data buffer on time
tDON
—
15
ns
22.12, 22, 24, 25, 34
Data buffer off time
tDOF
—
15
ns
22.12, 22, 24, 25, 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com