Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 120Page - Renesas Technology Corp SH7727 Datasheet HTML 121Page - Renesas Technology Corp SH7727 Datasheet HTML 122Page - Renesas Technology Corp SH7727 Datasheet HTML 123Page - Renesas Technology Corp SH7727 Datasheet HTML 124Page - Renesas Technology Corp SH7727 Datasheet HTML 125Page - Renesas Technology Corp SH7727 Datasheet HTML 126Page - Renesas Technology Corp SH7727 Datasheet HTML 127Page - Renesas Technology Corp SH7727 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 52 of 1034
REJ09B0254-0500
ALU
AU
R8[Ix]
R9[Iy]
R6[Ay]
R7[Ay]
+2
+0
31
0
R4[Ax]
R5[Ax]
31
16 15
0
15
1
ABx
XAB
+2
+0
31
0
31
16 15
0
15
1
ABy
YAB
DMX
DMY
CONT
MS
CMP
ME
15
1
15
1
Instruction (MOVX/MOVY)
Figure 2.14 Modulo Addressing
An example of modulo addressing is given below.
MS = H'7008; ME=H'700C; R4=H'A5007008;
DMX = 1; DMY = 0:
(Modulo addressing setting for address register Ax (R4, R5))
As a result of the above settings, the R4 register changes as follows.
R4: H'A5007008
Inc.
R4: H'A500700A
Inc.
R4: H'A500700C
Inc.
R4: H'A5007008
(Reaches modulo end address, so becomes modulo start address)
Place the data so that the upper 16 bits of the modulo start and end addresses are the same. This is
because the modulo start address overwrites only the lower 15 bits of the address register,
excluding bit 0.
Note: When addition indexing is used for DSP data addressing, the address pointer may exceed
the ME value without actually reaching it. In this case, the address pointer will not return
to the modulo start address. Not only with modulo addressing, but when X and Y data
addressing is used, bit 0 is ignored. 0 must always be written to bit 0 of the address
pointer, index register, MS, and ME.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com