Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 116Page - Renesas Technology Corp SH7727 Datasheet HTML 117Page - Renesas Technology Corp SH7727 Datasheet HTML 118Page - Renesas Technology Corp SH7727 Datasheet HTML 119Page - Renesas Technology Corp SH7727 Datasheet HTML 120Page - Renesas Technology Corp SH7727 Datasheet HTML 121Page - Renesas Technology Corp SH7727 Datasheet HTML 122Page - Renesas Technology Corp SH7727 Datasheet HTML 123Page - Renesas Technology Corp SH7727 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 48 of 1034
REJ09B0254-0500
2.4.2
DSP Data Addressing
Two different memory accesses are made with DSP instructions. The two kinds of instructions are
X and Y data transfer instructions (MOVX.W, MOVY.W) and single data transfer instructions
(MOVS.W, MOVSL). The data addressing is different for these two kinds of instruction. An
overview of the data transfer instructions is given in table 2.13.
Table 2.13 Overview of Data Transfer Instructions
X/Y Data Transfer Processing
(MOVX.W, MOVY.W)
Single Data Transfer Processing
(MOVS.W, MOVS.L)
Address register
Ax: R4, R5, Ay: R6, R7
As: R2, R3, R4, R5
Index register
Ix: R8, Iy: R9
Is: R8
Addressing
Nop/Inc (+2)/index addition:
post-increment
Nop/Inc (+2, +4)/index addition:
post-increment
—
Dec (–2, –4): pre-decrement
Modulo addressing
Possible
Not possible
Data bus
XDB, YDB
LDB
Data length
16 bits (word)
16/32 bits (word/longword)
Bus contention
No
Yes
Memory
X/Y data memory
Entire memory space
Source register
Dx, Dy: A0, A1
Ds: A0/A1, M0/M1, X0/X1, Y0/Y1,
A0G, A1G
Destination register
Dx: X0/X1, Dy: Y0/Y1
Ds: A0/A1, M0/M1, X0/X1, Y0/Y1,
A0G, A1G
X/Y Data Addressing: With DSP instructions, the X and Y data memory can be accessed
simultaneously using the MOVX.W and MOVY.W instructions. Two address pointers are
provided for DSP instructions to enable simultaneous access to X and Y data memory. Only
pointer addressing can be used with DSP instructions; immediate addressing is not available.
Address registers are divided into two, with register R4 or R5 functioning as the X memory
address register (Ax), and register R6 or R7 as the Y memory address register (Ay). The following
three kinds of addressing can be used with X and Y data transfer instructions.
1. Non-update address register addressing:
The Ax and Ay registers are address pointers. They are not updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com