Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 112Page - Renesas Technology Corp SH7727 Datasheet HTML 113Page - Renesas Technology Corp SH7727 Datasheet HTML 114Page - Renesas Technology Corp SH7727 Datasheet HTML 115Page - Renesas Technology Corp SH7727 Datasheet HTML 116Page - Renesas Technology Corp SH7727 Datasheet HTML 117Page - Renesas Technology Corp SH7727 Datasheet HTML 118Page - Renesas Technology Corp SH7727 Datasheet HTML 119Page - Renesas Technology Corp SH7727 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 44 of 1034
REJ09B0254-0500
2.4
Instruction Formats
2.4.1
CPU Instruction Addressing Modes
The following table shows addressing modes and effective address calculation methods for
instructions executed by the CPU core.
Table 2.12 Addressing Modes and Effective Addresses for CPU Instructions
Addressing
Mode
Instruction
Format
Effective Address Calculation Method
Calculation
Formula
Register
direct
Rn
Effective address is register Rn.
(Operand is register Rn contents.)
—
Register
indirect
@Rn
Effective address is register Rn contents.
Rn
Rn
Rn
Register
indirect with
post-
increment
@Rn+
Effective address is register Rn contents. A
constant is added to Rn after instruction
execution: 1 for a byte operand, 2 for a word
operand, 4 for a longword operand.
Rn
Rn
1/2/4
+
Rn + 1/2/4
Rn
After instruction
execution
Byte:
Rn + 1
→ Rn
Word:
Rn + 2
→ Rn
Longword:
Rn + 4
→ Rn
Register
indirect with
pre-
decrement
@–Rn
Effective address is register Rn contents,
decremented by a constant beforehand: 1 for a
byte operand, 2 for a word operand, 4 for a
longword operand.
Rn
1/2/4
Rn
− 1/2/4
−
Rn
− 1/2/4
Byte:
Rn – 1
→ Rn
Word:
Rn – 2
→ Rn
Longword:
Rn – 4
→ Rn
(Instruction
executed with Rn
after calculation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com