Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 110Page - Renesas Technology Corp SH7727 Datasheet HTML 111Page - Renesas Technology Corp SH7727 Datasheet HTML 112Page - Renesas Technology Corp SH7727 Datasheet HTML 113Page - Renesas Technology Corp SH7727 Datasheet HTML 114Page - Renesas Technology Corp SH7727 Datasheet HTML 115Page - Renesas Technology Corp SH7727 Datasheet HTML 116Page - Renesas Technology Corp SH7727 Datasheet HTML 117Page - Renesas Technology Corp SH7727 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 42 of 1034
REJ09B0254-0500
Table 2.8
T Bit
SH7727 CPU
Description
Example of Other CPU
CMP/GE R1,R0
BT
TRGET0
BF
TRGET1
If R0
≥ R1, the T bit is set.
A branch is made to TRGET0
if R0
≥ R1, or to TRGET1 if R0 < R1.
CMP.W R1,R0
BGE
TRGET0
BLT
TRGET1
ADD
#–1,R0
CMP/EQ #0,R0
BT
TRGET
The T bit is not set by ADD.
If R0 = 0, the T bit is set.
A branch is made if R0 = 0.
SUB.W #1,R0
BEQ
TRGET
Immediate Data: Byte immediate data is placed inside the instruction code. Word and longword
immediate data is not placed inside the instruction code, but in a table in memory. The table in
memory is referenced with an immediate data transfer instruction (MOV) using PC-relative
addressing mode with displacement.
Table 2.9
Immediate Data Referencing
Type
SH7727 CPU
Example of Other CPU
8-bit immediate
MOV
#H'12,R0
MOV.B
#H'12,R0
16-bit immediate
MOV.W @(disp,PC),R0
........
.DATA.W H'1234
MOV.W #H'1234,R0
32-bit immediate
MOV.L
@(disp,PC),R0
........
.DATA.L H'12345678
MOV.L
#H'12345678,R0
Note: Immediate data is referenced by @(disp,PC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com