Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 108Page - Renesas Technology Corp SH7727 Datasheet HTML 109Page - Renesas Technology Corp SH7727 Datasheet HTML 110Page - Renesas Technology Corp SH7727 Datasheet HTML 111Page - Renesas Technology Corp SH7727 Datasheet HTML 112Page - Renesas Technology Corp SH7727 Datasheet HTML 113Page - Renesas Technology Corp SH7727 Datasheet HTML 114Page - Renesas Technology Corp SH7727 Datasheet HTML 115Page - Renesas Technology Corp SH7727 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 40 of 1034
REJ09B0254-0500
2.2.3
Data Format in Memory
Memory data formats are classified into bytes, words, and longwords. Byte data can be accessed
from any address, but an address error will occur if the word data starting from an address other
than 2n or longword data starting from an address other than 4n is accessed. In such cases, the data
accessed cannot be guaranteed (figure 2.11).
31
0
15
23
7
Byte 0
Byte 1
Byte 2
Byte 3
Word 1
Word 0
Address A + 4
Address A + 8
Longword
Address A
Address A
Address A + 2
Address A + 1
Address A + 3
Big-endian mode
31
0
15
23
7
Byte 3
Byte 2
Byte 1
Byte 0
Word 0
Word 1
Address A + 4
Address A
Longword
Address A + 8
Address A + 11
Address A + 9
Address A + 10
Address A + 8
Little-endian mode
Figure 2.11 Byte, Word, and Longword Alignment
As the data format, either big endian or little endian byte order can be selected, according to the
MD5 pin at reset. When MD5 is low at reset, the processor operates in big endian. When MD5 is
high at reset, the processor operates in little endian.
2.3
Features of CPU Core Instructions
The CPU core instructions are RISC-type instructions with the following features:
Fixed 16-Bit Length: All instructions have a fixed length of 16 bits. This improves program code
efficiency.
One Instruction per State: Pipelining is used, and basic instructions can be executed in one state.
At 160-MHz operation, one state is 6.25 ns.
Data Size: The basic data size for operations is longword. Byte, word, or longword can be
selected as the memory access size. Memory byte or word data is sign-extended and operated on
as longword data. Immediate data is sign-extended to longword size for arithmetic operations or
zero-extended to longword size for logical operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com