Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 117Page - Renesas Technology Corp SH7727 Datasheet HTML 118Page - Renesas Technology Corp SH7727 Datasheet HTML 119Page - Renesas Technology Corp SH7727 Datasheet HTML 120Page - Renesas Technology Corp SH7727 Datasheet HTML 121Page - Renesas Technology Corp SH7727 Datasheet HTML 122Page - Renesas Technology Corp SH7727 Datasheet HTML 123Page - Renesas Technology Corp SH7727 Datasheet HTML 124Page - Renesas Technology Corp SH7727 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 49 of 1034
REJ09B0254-0500
2. Addition index register addressing:
The Ax and Ay registers are address pointers. After a data transfer, the value of the Ix or Iy
register is added to each (post-increment).
3. Increment address register addressing:
The Ax and Ay registers are address pointers. After a data transfer, they are each incremented
by 2 (post- increment).
There is an index register for each address pointer. The R8 register is the index register (Ix) for the
X memory address register (Ax), and the R9 register is the index register (Iy) for the Y memory
address register (Ay).
The X and Y data transfer instructions perform word-length processing, and use 16-bit access to
the X/Y data memory. A value of 2 is therefore added to the address register in the increment
processing. To perform decrementing, –2 is set in the index register and addition index register
addressing is specified. In X/Y data addressing, only bits 1 to 15 of the address pointer are valid.
When using X/Y data addressing, 0 must always be written to bit 0 of the address pointer and
index register.
X/Y data transfer addressing is shown in figure 2.12. When accessing X and Y memory using the
X and Y buses, the upper word of Ax (R4 or R5) and Ay (R6 or R7) is ignored. The result of
@AY+ or @Ay + Iy is stored in the lower word of Ay, while the upper word retains its original
value.
ALU
AU
R8[Ix]
R4[Ax]
R5[Ax]
R9[Iy]
R6[Ay]
R7[Ay]
+2 (INC)
+0 (no update)
+2 (INC)
+0 (no update)
Note: Three address processing methods:
1. Increment
2. Index register addition (Ix/Iy)
3. No increment
Post-updating is used in all cases.
The address pointer can be decremented by setting
−2/−4 in the index register.
AU: Adder provided
for DSP addressing
Figure 2.12 X and Y Data Transfer Addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com