Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 125Page - Renesas Technology Corp HD6433713 Datasheet HTML 126Page - Renesas Technology Corp HD6433713 Datasheet HTML 127Page - Renesas Technology Corp HD6433713 Datasheet HTML 128Page - Renesas Technology Corp HD6433713 Datasheet HTML 129Page - Renesas Technology Corp HD6433713 Datasheet HTML 130Page - Renesas Technology Corp HD6433713 Datasheet HTML 131Page - Renesas Technology Corp HD6433713 Datasheet HTML 132Page - Renesas Technology Corp HD6433713 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 324 page
background image
7.3.3 Pin Functions
Table 7-9 shows the port 1 pin functions.
Table 7-9 Port 1 Pin Functions
Pin
Pin Functions and Selection Method
P17/Vdisp
Selected by mask option
P17 high-voltage input pin
Power supply for VFD driving (Vdisp)
P16/EVENT
Function is switched as follows by EVENT bit in PMR1
EVENT
0
1
Pin function
P16 input pin
EVENT input pin*
Note: Timer D event input
Function is switched as follows by bits IRQC5, IRQC4, IRQC1, and IRQC0* in
PMR1 and bit n in PCR1
PMR1
0
1
PCR1n
01
—
Pin function
P1n input pin P1n output pin
IRQn input pin
Notes: 1. Before switching pin functions using bits IRQC5, IRQC4, IRQC1, and
IRQC0 in PMR1, first disable the corresponding interrupts by
clearing their interrupt enable bits. After the pin functions have been
switched, issue any instruction, then clear the interrupt request flags
to 0. For details see section 3.2.3 (1), Port mode register (PMR1).
2. Before entering power-down mode, pins set to external interrupt
input by bits IRQC5, IRQC4, IRQC1, and IRQC0 in PMR1, should be
kept from floating by external connection, or should be switched to
general I/O in PMR1 prior to the state transition.
3. For details on the TMOE function, refer to section 7.3.2 (4), Port
mode register 4 (PMR4). IRQ4, IRQ1, and IRQ0 input can be set for
either rising edge or falling edge detection by register IEGR. For
details, refer to section 3.2.3 (2), IRQ edge select register (IEGR).
IRQ0 and IRQ1 can be used as event input pins for timer B and
timer C, respectively. For details, refer to section 8, Timers.
P15/IRQ5/TMOE,
P14/IRQ4,
P11/IRQ1,
P10/IRQ0
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com