Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 123Page - Renesas Technology Corp HD6433713 Datasheet HTML 124Page - Renesas Technology Corp HD6433713 Datasheet HTML 125Page - Renesas Technology Corp HD6433713 Datasheet HTML 126Page - Renesas Technology Corp HD6433713 Datasheet HTML 127Page - Renesas Technology Corp HD6433713 Datasheet HTML 128Page - Renesas Technology Corp HD6433713 Datasheet HTML 129Page - Renesas Technology Corp HD6433713 Datasheet HTML 130Page - Renesas Technology Corp HD6433713 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 324 page
background image
2.
Port control register 1 (PCR1)
PCR1 is an 8-bit register for controlling whether each of port 1 pins P15, P14, P11, and P10
functions as an input pin or output pin. Setting a PCR1 bit to 1 makes the corresponding pin an
output pin, while clearing the bit to 0 makes the pin an input pin. Bits 7, 6, 3, and 2 are reserved
bits that cannot be modified and always read 1.
The settings in PCR1 and in PDR1 are valid when the affected pin is designated in PMR1 as a
general I/O pin.
Upon reset, PCR1 is initialized to H'CC.
3.
Port data register 1 (PDR1)
Note: * Pins P17 and P16 are for input only; reading PDR1 always gives the level of these pins.
PDR1 is an 8-bit register that stores data for pins P15, P14, P11, and P10. If port 1 is read while
PCR1 bits are set to 1, the values stored in PDR1 are read, regardless of the actual pin states. If
port 1 is read while PCR1 bits are cleared to 0, the pin states are read. Bits 3 and 2 are reserved
bits that cannot be modified and always read 1.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
PCR1
0
W
4
PCR1
0
W
3
—
1
—
0
PCR1
0
W
2
—
1
—
1
PCR1
0
W
54
1
0
Bit
Initial value
Read/Write
7
—
—
—
6
—
—
—
5
PDR1
0
R/W
4
PDR1
0
R/W
3
—
1
—
0
PDR1
0
R/W
2
—
1
—
1
PDR1
0
R/W
54
1
0
**
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com