Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 120Page - Renesas Technology Corp HD6433713 Datasheet HTML 121Page - Renesas Technology Corp HD6433713 Datasheet HTML 122Page - Renesas Technology Corp HD6433713 Datasheet HTML 123Page - Renesas Technology Corp HD6433713 Datasheet HTML 124Page - Renesas Technology Corp HD6433713 Datasheet HTML 125Page - Renesas Technology Corp HD6433713 Datasheet HTML 126Page - Renesas Technology Corp HD6433713 Datasheet HTML 127Page - Renesas Technology Corp HD6433713 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 324 page
background image
7.3 Port 1
7.3.1 Overview
Port 1 consists of four standard I/O pins, one standard input-only pin, and one high-voltage input-
only pin. Figure 7-4 shows the pin configuration.
Figure 7-4 Port 1 Pin Configuration
7.3.2 Register Configuration and Description
Table 7-8 shows the port 1 register configuration.
Table 7-8 Port 1 Registers
Name
Abbrev.
R/W
Initial Value
Address
Port mode register 1
PMR1
R/W
H'0C
H'FFEB
Port control register 1
PCR1
W
H'CC
H'FFE1
Port data register 1
PDR1
R/W
Not fixed
H'FFD1
Port mode register 4
PMR4
R/W
H'0F
H'FFEE
1.
Port mode register 1 (PMR1)
P1 /V
P1 /EVENT
P1 /IRQ /TMOE
P1 /IRQ
P1 /IRQ
P1 /IRQ
7
6
5
4
1
0
disp
Port 1
5
4
1
0
(high-voltage input or power supply)
(input/input)
(IO/input/output)
(IO/input)
(IO/input)
(IO/input)
Note: IO indicates input/output.
Bit
Initial value
Read/Write
7
0
R/W
6
EVENT
0
R/W
5
IRQC5
0
R/W
4
IRQC4
0
R/W
3
—
1
—
0
IRQC0
0
R/W
2
—
1
—
1
IRQC1
0
R/W
NOISE
CANCEL
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com