Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 119Page - Renesas Technology Corp HD6433713 Datasheet HTML 120Page - Renesas Technology Corp HD6433713 Datasheet HTML 121Page - Renesas Technology Corp HD6433713 Datasheet HTML 122Page - Renesas Technology Corp HD6433713 Datasheet HTML 123Page - Renesas Technology Corp HD6433713 Datasheet HTML 124Page - Renesas Technology Corp HD6433713 Datasheet HTML 125Page - Renesas Technology Corp HD6433713 Datasheet HTML 126Page - Renesas Technology Corp HD6433713 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 324 page
background image
Bit n
ANn
Explanation
0
Pin P0n/ANn is used for general input.
(initial value)
1
Pin P0n/ANn is an analog input channel.
(n = 0 to 7)
2.
Port data register 0 (PDR0)
When the corresponding bit in PMR0 is 0, the pin state can be read from PDR0. If the
corresponding PMR0 bit is 1, PDR0 is read as 1.
7.2.3 Pin Functions
Table 7-6 gives the port 0 pin functions.
Table 7-6 Port 0 Pin Functions
Pin
Pin Functions and Selection Method
P07/AN7 to P00/AN0
Functions are switched as follows by means of bits AN7 to AN0 in PMR0.
ANn
01
Pin function
P0n input pin
ANn input pin
7.2.4 Pin States
Table 7-7 shows the port 0 pin states in each operating mode.
Table 7-7 Port 0 Pin States
Pins
Reset
Sleep
Standby
Watch
Subactive
Active
P07/AN7 to
High
Previous
High
High
High
Normal
P00/AN0
impedance
state
impedance
impedance
impedance
operation
retained
Bit
Initial value
Read/Write
7
PDR0
—
R
6
PDR0
—
R
5
PDR0
—
R
4
PDR0
—
R
3
PDR0
—
R
0
PDR0
—
R
2
PDR0
—
R
1
PDR0
—
R
7
654
3
2
1
0
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com