Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 122Page - Renesas Technology Corp HD6433713 Datasheet HTML 123Page - Renesas Technology Corp HD6433713 Datasheet HTML 124Page - Renesas Technology Corp HD6433713 Datasheet HTML 125Page - Renesas Technology Corp HD6433713 Datasheet HTML 126Page - Renesas Technology Corp HD6433713 Datasheet HTML 127Page - Renesas Technology Corp HD6433713 Datasheet HTML 128Page - Renesas Technology Corp HD6433713 Datasheet HTML 129Page - Renesas Technology Corp HD6433713 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 324 page
background image
Bit 4: P14/IRQ4 pin function switch (IRQC4)
This bit selects whether pin P14/IRQ4 is used as P14 or as IRQ4.
Bit 4
IRQC4
Explanation
0P14/IRQ4 pin functions as P14.
(initial value)
1P14/IRQ4 pin functions for IRQ4* input.
Note: * Rising or falling edge sensing can be designated for pin IRQ4.
For details see 3.2.3 (2), IRQ edge select register (IEGR).
Bits 3 and 2: Reserved bits
Bits 3 and 2 are reserved; they always read 1, and cannot be modified.
Bit 1: P11/IRQ1 pin function switch (IRQC1)
This bit selects whether pin P11/IRQ1 is used as P11 or as IRQ1.
Bit 1
IRQC1
Explanation
0P11/IRQ1 pin functions as P11.
(initial value)
1P11/IRQ1 pin functions for IRQ1* input.
Note: * Rising or falling edge sensing can be designated for pin IRQ1.
For details see 3.2.3 (2), IRQ edge select register (IEGR).
Bit 0: P10/IRQ0 pin function switch (IRQC0)
This bit selects whether pin P10/IRQ0 is used as P10 or as IRQ0.
Bit 0
IRQC0
Explanation
0P10/IRQ0 pin functions as P10.
(initial value)
1P10/IRQ0 pin functions for IRQ0* input.
Note: * Rising or falling edge sensing can be designated for pin IRQ0.
For details see 3.2.3 (2), IRQ edge select register (IEGR).
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com