Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 121Page - Renesas Technology Corp HD6433713 Datasheet HTML 122Page - Renesas Technology Corp HD6433713 Datasheet HTML 123Page - Renesas Technology Corp HD6433713 Datasheet HTML 124Page - Renesas Technology Corp HD6433713 Datasheet HTML 125Page - Renesas Technology Corp HD6433713 Datasheet HTML 126Page - Renesas Technology Corp HD6433713 Datasheet HTML 127Page - Renesas Technology Corp HD6433713 Datasheet HTML 128Page - Renesas Technology Corp HD6433713 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 324 page
background image
PMR1 is an 8-bit read/write register that controls the selection of pin functions for pins
P16/EVENT, P15/IRQ5, P14/IRQ4, P11/IRQ1, and P10/IRQ0, and turns the IRQ0 noise
cancellation function on and off.
Upon reset, PMR1 is initialized to H'0C.
Note: Before switching pin functions using bits IRQ5 to IRQ0 in PMR1, first disable the
corresponding interrupts by clearing their interrupt enable bits. After the pin functions
have been switched, issue any instruction, then clear the interrupt request flags to 0. For
details see section 3.2.3 1, Port mode register (PMR1).
Bit 7: Noise cancel (NOISE CANCEL)
This bit turns the IRQ0 noise canceller function on and off. In standby, watch, and subactive
modes the noise canceller function is off regardless of the setting of this bit.
Bit 7
NOISE CANCEL
Explanation
0
Noise canceller function is off.
(initial value)
1
Noise canceller function is on. Input is sampled at intervals of 256 states.
If two consecutive input values do not match, noise is assumed.
Bit 6: P16/EVENT pin function switch (EVENT)
This bit selects whether pin P16/EVENT is used as P16 or as EVENT.
Bit 6
EVENT
Explanation
0P16/EVENT pin functions as P16.*
(initial value)
1P16/EVENT pin functions as EVENT (timer D event input).
Note: * Even when pin P16/EVENT is used as P16, the timer D counter may increment when pin
P16 is read. If timer D is used the counter must be cleared by means of the CLR bit in
timer mode register D (TMD).
Bit 5: P15/IRQ5/TMOE pin function switch (IRQC5)
This bit selects whether pin P15/IRQ5/TMOE is used as P15/TMOE or as IRQ5.
Bit 5
IRQC5
Explanation
0P15/IRQ5/TMOE pin functions as P15/TMOE.
(initial value)
1P15/IRQ5/TMOE pin functions for IRQ5 input.
114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com