Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 124Page - Renesas Technology Corp HD6433713 Datasheet HTML 125Page - Renesas Technology Corp HD6433713 Datasheet HTML 126Page - Renesas Technology Corp HD6433713 Datasheet HTML 127Page - Renesas Technology Corp HD6433713 Datasheet HTML 128Page - Renesas Technology Corp HD6433713 Datasheet HTML 129Page - Renesas Technology Corp HD6433713 Datasheet HTML 130Page - Renesas Technology Corp HD6433713 Datasheet HTML 131Page - Renesas Technology Corp HD6433713 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 324 page
background image
4.
Port mode register 4 (PMR4)
PMR4 is an 8-bit read/write register that switches the P15/IRQ5/TMOE pin function and controls
TMOE pin waveform output. Bits 3 to 0 are reserved; they always read 1, and cannot be
modified.
Upon reset, PMR4 is initialized to H'0F.
Bit 7: Timer E output select (TEO)
Bit 6: Timer E output on/off (TEO ON)
Bit 5: Fixed frequency select (FREQ)
Bit 4: Variable frequency select (VRFR)
P15/IRQ5/TMOE pin functions are switched as follows, by means of bits 7 to 4 of PMR4 and bit
IRQC5 of PMR1.
PMR1
PMR4
Description
Bit 5
Bit 7
Bit 6
Bit 5
Bit 4
IRQC5 TEO
TEO ON FREQ
VRFR
Pin Function
Pin State
00
0
00P15 pin
Standard I/O port (initial value)
00
**
*
P15 pin
Standard I/O port
01
0
**
TMOE output pin (off)
Low level output
0
1
1
0
0
TMOE output pin (on)
Fixed frequency output:
(
φ/2048)
1.95 kHz (
φ = 4 MHz)
0.98 kHz (
φ = 2 MHz)
0
1
1
1
0
TMOE output pin (on)
Fixed frequency output:
(
φ/1024)
3.9 kHz (
φ = 4 MHz)
1.95 kHz (
φ = 2 MHz)
01
1
*
1
TMOE output pin (on)
Variable frequency output:
toggled by timer E overflow
1
**
*
*
IRQ5 input pin
External interrupt input
Note: * Don’t care
Bit
Initial value
Read/Write
7
TEO
0
R/W
6
TEO ON
0
R/W
5
FREQ
0
R/W
4
VRFR
0
R/W
3
—
1
—
0
—
1
—
2
—
1
—
1
—
1
—
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com