| Electronic Components Datasheet Search |
|
HD6433713 Datasheet(PDF) 202 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6433713 Datasheet(HTML) 202 Page - Renesas Technology Corp |
|
202 / 324 page ![]() 11.2 Register Descriptions 11.2.1 Start Address Register (STAR) STAR is an 8-bit read/write register, for designating the transfer start address in the memory area from H'FF80 to H'FF9F allocated to the 32-byte data buffer. The 32 bytes from H'00 to H'1F designated by the lower 5 bits of STAR (bits STA4 to STA0) correspond to addresses H'FF80 to H'FF9F. Data is sent or received continuously using the area defined in STAR and in the end address register (EDAR). Bits 7 to 5 are reserved; they always read 1, and cannot be modified. Upon reset, STAR is initialized to H'E0. 11.2.2 End Address Register (EDAR) EDAR is an 8-bit read/write register, for designating the transfer end address in the memory area from H'FF80 to H'FF9F allocated to the 32-byte data buffer. The 32 bytes from H'00 to H'1F designated by the lower 5 bits of EDAR (bits EDA4 to EDA0) correspond to addresses H'FF80 to H'FF9F. Data is sent or received continuously using the area defined in STAR and EDAR. If the same value is designated in both STAR and EDAR, only one byte of data is transferred. Bits 7 to 5 are reserved; they always read 1, and cannot be modified. Upon reset, EDAR is initialized to H'E0. Bit Initial value Read/Write 7 — 1 — 6 — 1 — 5 — 1 — 4 STA4 0 R/W 3 STA3 0 R/W 0 STA0 0 R/W 2 STA2 0 R/W 1 STA1 0 R/W Bit Initial value Read/Write 7 — 1 — 6 — 1 — 5 — 1 — 4 EDA4 0 R/W 3 EDA3 0 R/W 0 EDA0 0 R/W 2 EDA2 0 R/W 1 EDA1 0 R/W 191 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |