Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 199Page - Renesas Technology Corp HD6433713 Datasheet HTML 200Page - Renesas Technology Corp HD6433713 Datasheet HTML 201Page - Renesas Technology Corp HD6433713 Datasheet HTML 202Page - Renesas Technology Corp HD6433713 Datasheet HTML 203Page - Renesas Technology Corp HD6433713 Datasheet HTML 204Page - Renesas Technology Corp HD6433713 Datasheet HTML 205Page - Renesas Technology Corp HD6433713 Datasheet HTML 206Page - Renesas Technology Corp HD6433713 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 324 page
background image
11.2.3 Serial Control Register 2 (SCR2)
SCR2 is an 8-bit read/write register, for selecting whether SCI2 transmits or receives, for gap
insertion during continuous transfer, and for serial clock selection.
Upon reset, SCR2 is initialized to H'E0.
Bits 7 to 5: Reserved bits
Bits 7 to 5 are reserved; they always read 1, and cannot be modified.
Bit 4: Transmit/receive select (I/O)
Bit 4 selects SCI2 transmit or receive mode.
Bit 4
I/O
Description
0
SCI2 is in receive mode.
(initial value)
1
SCI2 is in transmit mode.
Bits 3 and 2: Gap select (GAP2 to GAP1)
When data is transmitted or received continuously, gaps can be inserted at data divisions by
holding the serial clock high for a length of time designated by bits 3 and 2. Bits 3 and 2 are valid
when an internal clock source is selected as the serial clock (PS1 and 0
≠ 11).
Data divisions may be placed every 8 bits or 16 bits; this is selected in bit GIT in the status
register (STSR).
Bit 3
Bit 2
GAP2
GAP1
Description
0
0
Serial clock keeps the same duty cycle even at data divisions.
(initial value)
0
1
Serial clock high level extended by one clock cycle at data divisions.
1
0
Serial clock high level extended by two clock cycles at data divisions.
1
1
Serial clock high level extended by eight clock cycles at data divisions.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
I/O
0
R/W
3
GAP2
0
R/W
0
PS0
0
R/W
2
GAP1
0
R/W
1
PS1
0
R/W
192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com