Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 200Page - Renesas Technology Corp HD6433713 Datasheet HTML 201Page - Renesas Technology Corp HD6433713 Datasheet HTML 202Page - Renesas Technology Corp HD6433713 Datasheet HTML 203Page - Renesas Technology Corp HD6433713 Datasheet HTML 204Page - Renesas Technology Corp HD6433713 Datasheet HTML 205Page - Renesas Technology Corp HD6433713 Datasheet HTML 206Page - Renesas Technology Corp HD6433713 Datasheet HTML 207Page - Renesas Technology Corp HD6433713 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 324 page
background image
Bits 1 and 0: Serial clock select (PS1 to PS0)
Bits 1 and 0 select one of three internal clock sources or an external clock.
Serial Clock Period
PS1
PS0
Pin SCK2
Clock Source
φ = 4 MHz φ = 2 MHz φ = 1 MHz
0
0
SCK2 output
Prescaler S
φ/2 (initial value) *
1 µs
2 µs
0
1
SCK2 output
Prescaler S
φ/4
1 µs
2 µs
4 µs
1
0
SCK2 output
Prescaler S
φ/8
2 µs
4 µs
8 µs
1
1
SCK2 input
External clock
—
—
—
—
Note: * Can be set, but operation is not guaranteed.
11.2.4 Status Register (STSR)
Notes: 1. Not fixed
2. Cleared to 0 by write operation to STSR.
STSR is an 8-bit register indicating the SCI2 operation state, error status, etc. Writing to this
register during data transmission may cause misoperation.
Upon reset, STSR is initialized to H'E0 or H'E8.
Bits 7 to 5: Reserved bits
Bits 7 to 5 are reserved; they always read 1, and cannot be modified.
Bit 4: Extended data bit (SO2 LAST BIT)
Bit 4 holds the last bit of transmitted data after transmission ends.
Output from pin SO2 can be altered by software by modifying this bit either before or after
transmission.
Writing to this bit during data transmission may cause misoperation.
Bit 1 Bit 2
Prescaler
PS1
PS0
Divider Ratio
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
0
R/W
3
OVR
R/W*2
0
STF
0
R/W
2
WT
0
R/W*2
1
GIT
0
R/W
SO2 LAST
BIT
*1
193



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com