Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 203Page - Renesas Technology Corp HD6433713 Datasheet HTML 204Page - Renesas Technology Corp HD6433713 Datasheet HTML 205Page - Renesas Technology Corp HD6433713 Datasheet HTML 206Page - Renesas Technology Corp HD6433713 Datasheet HTML 207Page - Renesas Technology Corp HD6433713 Datasheet HTML 208Page - Renesas Technology Corp HD6433713 Datasheet HTML 209Page - Renesas Technology Corp HD6433713 Datasheet HTML 210Page - Renesas Technology Corp HD6433713 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 324 page
background image
Bit 6: Pin SO2 PMOS on/off (SO2PMOS)
Bit 6 enables or disables the PMOS buffer transistor of pin P96/SO2.
Bit 6
SO2PMOS
Description
0
PMOS transistor of pin P96/SO2 is enabled: CMOS output.
(initial value)
1
PMOS transistor of pin P96/SO2 is disabled: NMOS open-drain output.
Bit 5: Chip select output select (CS)
In combination with bit SI2 in port mode register 2 (PMR2), bit 5 selects the
CS output function
of pin P95/SI2/CS. The CS output pin function is valid when an internal clock source is selected
as the serial clock, and only in transmit mode.
PMR2
PMR3
Bit 5
Bit 5
SI2
CS
Description
0
0
Pin P95/SI2/CS functions as P95 I/O pin.
(initial value)
1
Pin P95/SI2/CS functions as P95 I/O pin.
1
0
Pin P95/SI2/CS functions as SI2 input pin.
1
Pin P95/SI2/CS functions as CS output pin.
Bits 4 and 2 to 0: Reserved bits
These bits are reserved; they always read 1, and cannot be modified.
196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com