Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 207Page - Renesas Technology Corp HD6433713 Datasheet HTML 208Page - Renesas Technology Corp HD6433713 Datasheet HTML 209Page - Renesas Technology Corp HD6433713 Datasheet HTML 210Page - Renesas Technology Corp HD6433713 Datasheet HTML 211Page - Renesas Technology Corp HD6433713 Datasheet HTML 212Page - Renesas Technology Corp HD6433713 Datasheet HTML 213Page - Renesas Technology Corp HD6433713 Datasheet HTML 214Page - Renesas Technology Corp HD6433713 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 324 page
background image
Figure 11-6 8-Clock Gap Insertion (Bits GAP2 and GAP1 = 11)
11.3.4 Data Transmit/Receive
1.
SCI2 initialization
Serial communication on SCI2 first of all requires that SCI2 be initialized by software. This
involves clearing bit STF in the status register (STSR) to 0, then selecting pin functions and
transfer modes in port mode register 2 (PMR2), port mode register 3 (PMR3), the start
address register (STAR), the end address register (EDAR), and serial control register 2
(SCR2).
2.
Transmitting
A transmit operation is carried out as follows.
•
Set bit SO2 in port mode register 2 (PMR2) to 1, making pin P96/SO2 the SO2 output pin. If
necessary, set the SO2PMOS bit and CS bit in PMR3 for NMOS open-drain output at pin
SO2 and for chip select output at pin P95/SI2/CS.
•
Write transmit data in the 32-byte data buffer (H'FF80 to H'FF9F).
•
Set the transfer start address in the lower 5 bits of STAR.
•
Set the transfer end address in the lower 5 bits of EDAR.
•
In SCR2, select transmit mode (bit I/O = 1), the serial clock, and gap insertion (internal clock
operation only).
•
Select the data gap interval with bit GIT of STRS, then set bit STF to 1. Setting bit STF starts
the transmit operation.
SCK
output
SO
SI input data
latch timing
2
2
2
Bit 14
(Bit 6)
Bit 15
(Bit 7)*
Bit 16
(Bit 8)
Note: * When bit GIT = 1, a gap is inserted at 8-bit intervals.
Serial clock
8
×
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com