Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 209Page - Renesas Technology Corp HD6433713 Datasheet HTML 210Page - Renesas Technology Corp HD6433713 Datasheet HTML 211Page - Renesas Technology Corp HD6433713 Datasheet HTML 212Page - Renesas Technology Corp HD6433713 Datasheet HTML 213Page - Renesas Technology Corp HD6433713 Datasheet HTML 214Page - Renesas Technology Corp HD6433713 Datasheet HTML 215Page - Renesas Technology Corp HD6433713 Datasheet HTML 216Page - Renesas Technology Corp HD6433713 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 324 page
background image
When an external clock source is used, after bit STF is set, data is received in synchronization
with the clock input at pin SCK2. After receiving is completed, no further receive operations take
place until bit STF is again set, even if the serial clock continues to be input.
An attempt to read or write the data buffer during receiving will cause bit IRRS2 in IRR3 and bit
WT in STSR to be set to 1. Bit OVR in STSR is set to 1 if an overrun error occurs.
When SCI2 operates on an internal clock and is in transmit mode, a gap may be inserted at data
divisions (every 8 bits or 16 bits). During this gap, serial clock stays at the high level for a
designated number of clock cycles (see figures 11-4 through 11-6).
Gap insertion and the length of the gap are designated in bits GAP2 and GAP1 of SCR2. Bit GIT
of STSR designates whether gaps occur at 8-bit or 16-bit intervals.
11.4 Interrupts
SCI2 can generate interrupts when a transfer is completed and when the data buffer is read or
written during a transfer. These interrupts are assigned to the same vector address.
When the above conditions occur, bit IRRS2 in interrupt request register 3 (IRR3) is set to 1.
SCI2 interrupt requests can be enabled or disabled in bit IENS2 of interrupt enable register 3
(IENR3). For further details, see 3.2.2, Interrupts.
When an overrun error occurs, or when a read or write of the data buffer is attempted during a
transfer, the OVR or WT bit in the status register (STSR) is set to 1. These bits can be used to
determine the cause of the error.
11.5 Application Notes
1.
Do not write to any register during a transfer (while bit STF of STSR is set to 1), since this
can cause misoperation.
2.
When receiving, set bit SI2 in port mode register 2 (PMR2) to 1 and clear bit CS in port mode
register 3 (PMR3) to 0 to select the SI2 pin function. If bit CS = 1 and bit SI2 = 1, selecting
the
CS pin function, incorrect data will be received.
202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com