Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 205Page - Renesas Technology Corp HD6433713 Datasheet HTML 206Page - Renesas Technology Corp HD6433713 Datasheet HTML 207Page - Renesas Technology Corp HD6433713 Datasheet HTML 208Page - Renesas Technology Corp HD6433713 Datasheet HTML 209Page - Renesas Technology Corp HD6433713 Datasheet HTML 210Page - Renesas Technology Corp HD6433713 Datasheet HTML 211Page - Renesas Technology Corp HD6433713 Datasheet HTML 212Page - Renesas Technology Corp HD6433713 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 324 page
background image
Figure 11-2 Operation When Start Address Exceeds End Address
11.3.2 Clock
Three internal clock sources or an external clock may be selected as the serial clock. When an
internal clock is selected, pin SCK2 becomes the clock output pin.
11.3.3 Data Transfer Format
Figure 11-3 shows the SCI2 data transfer format. Data is sent and received starting from the least
significant bit, in LSB-first format. Transmit data is output from one falling edge of the serial
clock until the next falling edge. Receive data is latched at the rising edge of the clock.
When SCI2 operates on an internal clock and is in transmit mode, a gap may be inserted at data
divisions (every 8 bits or 16 bits). During this gap, the serial clock stays at the high level for a
designated number of clock cycles (see figures 11-4 through 11-6).
The
CS output remains low during the gap.
Gap insertion and the length of the gap are designated in bits GAP2 and GAP1 in serial control
register 2 (SCR2). Bit GIT in the status register (STSR) designates whether gaps occur at 8-bit or
16-bit intervals.
H'FF80
H'FF9F
H'00
H'1F
End address
Start address
End
Start
198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com