Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 202Page - Renesas Technology Corp HD6433713 Datasheet HTML 203Page - Renesas Technology Corp HD6433713 Datasheet HTML 204Page - Renesas Technology Corp HD6433713 Datasheet HTML 205Page - Renesas Technology Corp HD6433713 Datasheet HTML 206Page - Renesas Technology Corp HD6433713 Datasheet HTML 207Page - Renesas Technology Corp HD6433713 Datasheet HTML 208Page - Renesas Technology Corp HD6433713 Datasheet HTML 209Page - Renesas Technology Corp HD6433713 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 324 page
background image
Bit 0: Start/busy flag (STF)
Setting bit 0 to 1 starts an SCI2 transfer operation. This bit stays at 1 during the transfer, and is
cleared to 0 after the transfer is complete. It can therefore be used as a busy flag as well.
Clearing this bit to 0 during a transfer aborts the transfer, initializing SCI2. The contents of
the 32-byte data buffer and of registers other than STSR are unchanged when this happens.
Bit 0
STF
Explanation
0
[Read access]
(initial value)
Indicates transfer not in progress.
[Write access]
Stops transfer.
1
[Read access]
Indicates transfer in progress.
[Write access]
Starts transfer.
11.2.5 Port Mode Register 3 (PMR3)
PMR3 is an 8-bit read/write register, for enabling the PMOS transistors of SCI1 and SCI2 data
output pins (pin P93/SO1 and pin P96/SO2), and for controlling SCI2 chip select output (pin
SI2/CS).
Upon reset, PMR3 is initialized to H'97.
For bit 3, see 10.2.6, Port Mode Register 3 (PMR3).
Bit 7: Reserved bit
Bit 7 is reserved; it always reads 1, and cannot be modified.
Bit
Initial value
Read/Write
7
—
1
—
6
0
R/W
5
CS
0
R/W
4
—
1
—
3
0
R/W
0
—
1
—
2
—
1
—
1
—
1
—
SO2
PMOS
SO1
PMOS
195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com