Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 210Page - Renesas Technology Corp HD6433713 Datasheet HTML 211Page - Renesas Technology Corp HD6433713 Datasheet HTML 212Page - Renesas Technology Corp HD6433713 Datasheet HTML 213Page - Renesas Technology Corp HD6433713 Datasheet HTML 214Page - Renesas Technology Corp HD6433713 Datasheet HTML 215Page - Renesas Technology Corp HD6433713 Datasheet HTML 216Page - Renesas Technology Corp HD6433713 Datasheet HTML 217Page - Renesas Technology Corp HD6433713 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 324 page
background image
Section 12 VFD Controller/Driver
12.1 Overview
The H8/3714 Series is equipped with an on-chip vacuum fluorescent display (VFD) controller/
driver and high-voltage, high-current pins, for direct VFD driving.
12.1.1 Features
The VFD controller/driver has the following features.
•
Maximum of 24 segment pins and 16 digit pins (20 segment pins, eight digit pins, and eight
switched segment/digit pins).
•
Brightness can be adjusted in eight steps (dimmer function).
•
Automatic shifting of displayed digit.
•
Digit pins and segment pins can be switched over to use as general-purpose high-voltage pins.
•
Optional key scan interval.
•
Interrupt generated when key scan interval starts.
12.1.2 Block Diagram
Figure 12-1 shows a block diagram of the VFD controller/driver.
Figure 12-1 Block Diagram of VFD Controller/Driver
Internal data bus
VFDR
DBR
VFSR
IRRKS
Display timing
generator circuit
VFD display RAM
Digit pins
Segment pins
Notation:
VFDR: VFD digit control register
DBR: Digit beginning register
VFSR: VFD segment control register
IRRKS: Key scan interrupt request flag (bit 6 of interrupt request register 3)
203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com