Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 178 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 178 Page - Altera Corporation

Back Button HC210 Datasheet HTML 174Page - Altera Corporation HC210 Datasheet HTML 175Page - Altera Corporation HC210 Datasheet HTML 176Page - Altera Corporation HC210 Datasheet HTML 177Page - Altera Corporation HC210 Datasheet HTML 178Page - Altera Corporation HC210 Datasheet HTML 179Page - Altera Corporation HC210 Datasheet HTML 180Page - Altera Corporation HC210 Datasheet HTML 181Page - Altera Corporation HC210 Datasheet HTML 182Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 228 page
background image
7–14
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
The Compilation Report for both the Stratix II and HardCopy II
revisions of your project includes a Timing Constraints Check section
(Figure 7–6). This section reports all unconstrained paths based on the
coverage provided by the timing constraints used in the design. You
should examine this report and verify that all internal and I/O paths and
all clock domains are constrained for both setup and hold checks.
Figure 7–6. Classic Timing Analyzer Constraints Check in Compilation Report
When using Classic Timing Analyzer, just as when using the TimeQuest
timing analyzer, you should review the Quartus II timing report sections
in the Compilation Report and resolve all reported timing violations.
Constraining
Timing of
HardCopy Series
Devices
To ensure that the timing of the HardCopy device meets performance
goals, the HardCopy Design Center runs static timing analysis on the
design database. For this timing analysis to be meaningful, all timing
constraints and timing exceptions that you applied to the design for the
FPGA implementation, must also be used for the HardCopy
implementation. If you did not use timing constraints or you used only
partial timing constraints for the design, you must add constraints to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com