Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 180 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 180 Page - Altera Corporation

Back Button HC210 Datasheet HTML 176Page - Altera Corporation HC210 Datasheet HTML 177Page - Altera Corporation HC210 Datasheet HTML 178Page - Altera Corporation HC210 Datasheet HTML 179Page - Altera Corporation HC210 Datasheet HTML 180Page - Altera Corporation HC210 Datasheet HTML 181Page - Altera Corporation HC210 Datasheet HTML 182Page - Altera Corporation HC210 Datasheet HTML 183Page - Altera Corporation HC210 Datasheet HTML 184Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 228 page
background image
7–16
Altera Corporation
September 2008
HardCopy Series Handbook, Volume 1
Figure 7–7. Clock Attributes
The clock settings for PLL clocks are derived automatically based on the
PLL settings and reference clock characteristics. You can also override the
default PLL clock settings for timing analysis by specifying clock settings
for the input clock port on the PLL.
Clock uncertainty in PLL clock outputs is not modeled by default. You
should use the
set_clock_uncertainty command to model jitter and
any other uncertainty and margin in your PLL clocks.
1
Consult with your Altera Field Applications Engineer (FAE) or
use MySupport regarding PLL clock uncertainty calculation for
your design.
The SDC format provides a simple and easy method to constrain the
simplest to the most complex designs. The following example illustrates
the simplest SDC commands for a clock (port or pin) and for a generated
clock at the PLL output pin for a design:
#Constrain the base clock
create_clock -period 10.000 [get_ports clkin]
#Constrain the PLL output clock
derive_pll_clocks
1
Although
derive_pll_clocks is in the sdc_ext package, it is
the unique exception to the requirement that all timing
constraints in the HardCopy II design flow must be in the sdc
package. This command is automatically translated to the
sdc
-package command
generated_pll_clock prior to
transfer to the HCDC.
0.0
clk
5.0
10.0
Clock Period = 10.0 ns
Clock
Uncertainty
0.5
- 0.5
Rising Edge
of Clock
Falling Edge
of Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com