Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 181 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 181 Page - Altera Corporation

Back Button HC210 Datasheet HTML 177Page - Altera Corporation HC210 Datasheet HTML 178Page - Altera Corporation HC210 Datasheet HTML 179Page - Altera Corporation HC210 Datasheet HTML 180Page - Altera Corporation HC210 Datasheet HTML 181Page - Altera Corporation HC210 Datasheet HTML 182Page - Altera Corporation HC210 Datasheet HTML 183Page - Altera Corporation HC210 Datasheet HTML 184Page - Altera Corporation HC210 Datasheet HTML 185Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 228 page
background image
Altera Corporation
7–17
September 2008
Constraining Timing of HardCopy Series Devices
f
For a full list of available report APIs, refer to the SDC and TimeQuest API
Reference Manual.
Primary Input Port Timing
You must specify the primary input port timing constraint for every
primary input port in the design (and for the input path of every
bidirectional port). The following two subsections describe how to
constrain input port timing.
External Input Delay Specification
To constrain the input port timing, describe the external timing
environment in terms of the maximum and minimum arrival times of the
external signals that drive the primary input ports of the HardCopy series
device or FPGA. Figure 7–8 shows the external timing constraint that
drives the primary input port. The static timing analysis tool can use this
external input delay time to check if there is enough time for the data to
propagate to the internal nodes of the device. If there is not enough time,
a timing violation occurs.
Figure 7–8. External Timing Constraint Driving a Primary Input Port
Internal Input Delay Specification
This approach describes the acceptable maximum on-chip delay for your
design. For example, you can use this approach to describe the setup time
of a primary input to any register in the design relative to a specific clock.
Figure 7–9 shows a generic circuit with an on-chip setup-time constraint,
which may be different for each clock domain. You may specify the
minimum on-chip delay from any primary input port to describe input
hold-time requirements.
External Device
External Input Delay
Primary Input to
PLD/HardCopy
Series Device
DQ
dff
DQ
dff
Data Path
Delay
Data Path
Delay
HardCopy Device or FPGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com