Electronic Components Datasheet Search
  English  ▼

X  

HC210 Datasheet(PDF) 179 Page - Altera Corporation

Part # HC210
Description  HardCopy II Device Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC210 Datasheet(HTML) 179 Page - Altera Corporation

Back Button HC210 Datasheet HTML 175Page - Altera Corporation HC210 Datasheet HTML 176Page - Altera Corporation HC210 Datasheet HTML 177Page - Altera Corporation HC210 Datasheet HTML 178Page - Altera Corporation HC210 Datasheet HTML 179Page - Altera Corporation HC210 Datasheet HTML 180Page - Altera Corporation HC210 Datasheet HTML 181Page - Altera Corporation HC210 Datasheet HTML 182Page - Altera Corporation HC210 Datasheet HTML 183Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 228 page
background image
Altera Corporation
7–15
September 2008
Constraining Timing of HardCopy Series Devices
make the design fully constrained, and use the same constraints for both
FPGA and HardCopy revisions in the flow. If you do not do this, you
cannot determine whether the HardCopy series device meets the
required timing of the end target system. The SDC format timing
constraints can be generated using the Quartus II SDC File Editor which
provides line numbering, syntax coloring, and call tips. You can enter
timing constraints and exceptions directly or specify them from the
Constraints menu. An example of the SDC commands is shown in the
following section.
The following constraints must be included:
■
Clock definitions
■
Primary input port timing
■
Primary output port timing
■
Combinational timing
■
Timing exceptions
f
For information on the SDC editor, refer to the TimeQuest Timing Analyzer
chapter in volume 3 of the Quartus II Handbook.
f
For more information on timing constraints for the TimeQuest timing
analyzer, refer to the TimeQuest Timing Analyzer chapter in volume 3 of
the Quartus II Handbook.
f
For more information on timing assignments for Classic Timing
Analyzer, refer to the Classic Timing Analyzer chapter in volume 3 of the
Quartus II Handbook.
Clock Definitions
You can use these definitions to describe the parameters of all different
clock domains in a design. Clock parameters that must be defined are
frequency, time at which the clock edge rises, time at which the clock edge
falls, clock uncertainty (for example: jitter, noise, and designed in timing
margin), and clock name. Figure 7–7 illustrates the attributes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com