Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 23 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 23 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 19Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 20Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 21Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 22Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 23Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 24Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 25Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 26Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 27Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
23
www.honeywell.com/sensing
E-I Matched Bead Thermistors
E-I Matched Bead thermistors are designed for use in gas
chromatography and other thermal conductivity gas analysis
instruments. Each bead is mounted to a special hermetically-sealed
header. For maximum sensitivity, the higher resistance units should be
used at higher ambient temperatures.
Operating temperature range:
-60 °C to 300 °C [-76 °F to 572 °F]
Encapsulation:
Glass hermetic seal
Lead material:
Tinned Ni-Fe
12,7
[0.50]
31,75
[1.25]
THERMISTOR
BEAD
0,76 DIA.TINNED Ni-Fe
[0.03]
9,65
[0.38]
ICL Inrush Current Limiter Thermistors
ICL Inrush Current Limiter thermistors are a cost-effective way of limiting
the inrush of current that may damage components in a switching
power supply and in other power devices when the equipment is turned
on. These devices have solderable leads and are PC board mountable.
Operating temperature range:
-40 °C to 185 °C [-40 °F to 365 °F]
Maximum steady state current:
1 A to 30 A
Encapsulation:
Black silicone
Lead material:
Tinned copper
Dissipation constant (DC):
12.7 mW/°C to 23 mW/°C
Time constant (TC):
32 s to 93 s
Resistance range at 25 °C [77 °F]:
0.5 Ohm to 220 Ohm ±20 %
Resistance at max. steady state current:
0.01 Ohm to 2.34 Ohm
Max. diameter
9,5 mm [0.374 in] to 32.0 mm [1.260 in]
Max. thickness
5,0 mm [0.204 in] to 8.0 mm [0.327 in]
Lead diameter
0,8 mm [0.032 in] to 1.0 mm [0.040 in]
Characteristics
115-202CDK-801
Resistance at 25 °C [77 °F]
2000 Ohm ±25 %
Resistance at 0 °C [32 °F] (approx.)
4900 Ohm
Resistance at 50 °C [122 °F] (approx.)
890 Ohm
Ratio of resistance 0 °C/50 °C
4.95 to 6.95
Beta nominal at 25 °C
3000 K
Temperature coefficient at 25 °C
-3.4 %/°C
Time constant (TC) still air max.
1 s
Dissipation constant (DC) still air min.
0.16 mW/°C
DC helium
0.5 mW/°C
Power rating (air)
15 mW
Power rating (helium)
60 mW
Max. ambient temperature
100 °C [212 °F]
Max. operating temperature (including self-heat)
150 °C [302 °F]
Resisistance at max. operating temperature
88 Ohm
OPTIONS
Helium-matched assembly
DESCRIPTION
Two 111-202CAK-H01 each mounted on a glass hermetic seal and matched in
air to within 15 mV of each other at 5 mA, 10 mA and 15 mA.
REFERENCE
115-202CDK-801
5 % resistance at 25 °C [77 °F]
REFERENCE
115-802EDJ-801
DESCRIPTION
Two 111-802EAJ-H01 each mounted on a glass hermetic seal and matched in
helium to within 30 mV, 25 mV and 20 mV of each other at 2 mA, 5 mA,
10 mA and 15 mA.
2 % resistance at 25 °C [77 °F]
Characteristics
115-802EDJ-801
Resistance at 25 °C [77 °F]
8000 Ohm ±25 %
Resistance at 0 °C [32 °F] (approx.)
23,200 Ohm
Resistance at 50 °C [122 °F] (approx.)
3,200 Ohm
Ratio of resisistance 0 °C/50 °C
6.56 to 7.99
Beta nominal at 25 °C
3495 K
Temperature coefficient at 25 °C
-3.9 %/°C
Time constant (TC) still air max.
1 s
Dissipation constant (DC) still air min.
0.16 mW/°C
DC helium
0.5 mW/°C
Power rating (air)
45 mW
Power rating (helium)
140 mW
Max. ambient temperature
250 °C [482 °F]
Max. operating temperature (including self-heat)
300 °C [572 °F]
Resisistance at max. operating temperature
25 Ohm
Air-matched assembly
OHM
MAX. STEADY
RESISTANCE AT MAX.
REFERENCE
STATE CURRENT (A)
STEADY STATE CURRENT (OHM)
0.5
30
0.01
ICL32OR530-01
1
20
0.02
ICL221R020-01
1
30
0.02
ICL321R030-01
2
18
0.03
ICL222R018-01
2.5
8
0.07
ICL152R508-01
2.5
8
0.06
ICL122R508-01
2.5
15
0.03
ICL222R515-01
5
6
0.1
ICL155R006-01
5
7
0.07
ICL155R007-01
10
2
0.3
ICL1010002-01
10
3.2
0.18
ICL1010004-01
10
5
0.13
ICL1210005-01
10
6
0.15
ICL1510006-01
10
8
0.1
ICL2210008-01
12
4
0.26
ICL1512004-01
16
4
0.27
ICL1516004-01
20
2
0.5
ICL1220002-01
40
2
0.6
ICL1240002-01
50
2
0.72
ICL1250002-01
80
2.5
0.75
ICL1580003-01
120
3
0.9
ICL2212103-01
220
2
0.8
ICL1522102-01
25,4 MIN.
[1.00]
DIA.
7,87 NOM.
[0.310]
2.54 NOM.
[0.10]
THICKNESS
TEMPERATURE - THERMISTORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com