Electronic Components Datasheet Search
  English  ▼

X  

24PC Datasheet(PDF) 57 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 57 Page - Honeywell Solid State Electronics Center

Back Button 24PC Datasheet HTML 53Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 54Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 55Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 56Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 57Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 58Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 59Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 60Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 61Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
57
www.honeywell.com/sensing
These listings include standard size basics, miniature, subminiature, switches. The precision snap-
action mechanisms are offered with a wide variety of actuators and operating characteristics. Basic
switches are ideal for applications requiring compactness, light weight, accurate repeatability and
long life.
They are best used for presence/absence detection where physical contact with object is
permissible. Very economical.
BA/BE/BZ Series
Basic Switches
BA/BE/BZ Series Standard Basic Switches are
used for simple or precision on/off application
needs.
As well as the catalogue listings presented here,
we offer other versions with higher temperature
ratings, different termination options, different
electrical ratings and Single Pole, Single Throw
(SPST) circuitry. Refer to our website for details.
Voltage:
250 Vac
Electrical rating:
16 A
Operating temperature:
-55 °C to 85 °C
-67 ° F to 185 °F
Termination:
Screw
Contact type:
Silver
Approvals:
CE, CSA, UL
Switching options:
SPDT
Single Pole, Double Throw
OPTIONS
Note: BA/BE plunger position distance from
mounting hole = 19 mm (0.75 in)
Top pin plunger
Approvals:
BE-2R-A4
CSA, UL
ELECTRICALRATING
TERMINATION
REFERENCE
Solder
BZ-R
Screw
BZ-R-A2
Solder
BZ-R169
Screw
BZ-2R-A2
25 A
Screw
BE-2R-A4
Overtravel plunger - standard
ELECTRICAL RATING
REFERENCE
BZ-2RD-A2
20 A
BA-2RB-A2
Panel mount overtravel plunger
ELECTRICAL
APPROVALS
REFERENCE
RATING
BZ-2RQ1-A2
20 A
DEMKO
BA-2RQ1-A2
BASIC SWITCHES
Basic Switches
Overtravel plunger (splash resistant)
REFERENCE
BZ-2RDS-A2
Stainless steel spring
BZ-2RDS-A2S
Overtravel roller plunger
REFERENCE
BZ-2RQ18-A2
BASIC SWITCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com